Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FSCR1R4 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST7FSCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FSCR1R4 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST7FSCR1R4 Datasheet HTML 32Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 33Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 34Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 35Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 36Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 37Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 38Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 39Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 102 page
background image
ST7SCR
36/102
10 MISCELLANEOUS REGISTERS
MISCELLANEOUS REGISTER 1 (MISCR1)
Reset Value : 0000 0000 (00h)
Read/Write
Writing the ITIFREC register enables or disables
external interrupt on Port C. Each bit can be
masked independantly. The ITMx bit masks the
external interrupt on PC.x.
Bits[7:0] = ITM [7:0]
Interrupt Mask
0: external interrupt disabled
1: external interrupt enabled
MISCELLANEOUS REGISTER 2 (MISCR2)
Reset Value : 0000 0000 (00h)
Read/Write
Writing the ITIFREA register enables or disables
external interrupt on port A.
Bit 7 = Reserved.
Bit 6 = CRDIRM
CRD Insertion/Removal Interrupt
Mask
0: CRDIR interrupt disabled
1: CRDIR interrupt enabled
Bits [5:0] = ITM [14:9]
Interrupt Mask
Bit x of MISCR2 masks the external interrupt on
port A.x.
Bit x = ITM
n Interrupt Mask n
0: external interrupt disabled on PA.x.
1: external interrupt enabled on PA.x.
70
ITM
7
ITM
6
ITM
5
ITM
4
ITM
3
ITM
2
ITM
1
ITM
0
70
-
CRD
IRM
ITM
14
ITM
13
ITM
12
ITM
11
ITM
10
ITM
9
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com