Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FSCR1R4 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST7FSCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FSCR1R4 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST7FSCR1R4 Datasheet HTML 79Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 80Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 81Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 82Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 83Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 84Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 85Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 86Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
ST7SCR
83/102
Note 1 : Guaranteed by design.
Note 2 : Data based on characterization results, not tested in production.
Notes: VDD = 4.75 V, Card consumption = 55mA, CRDCLK frequency = 4MHz, LED with a 3mA current, USB in recep-
tion mode and CPU in WFI mode.
tON
VCARD Turn on Time (see Figure 35 on
page 61)
CLOADmax ≤ 4.7uF
150
500
µs
1.8V regulator output (for IEC7816-3 Class C Cards)
VCARD
SmartCard Power Supply Voltage
1.65
1.95
V
ISC
SmartCard Supply Current
20
mA
IOVDET
Current Overload Detection
1001)
mA
tIDET
Detection time on Current Overload
170 1)
1400 1)
us
tOFF
VCARD Turn off Time (see Figure 35 on
page 61)
CLOADmax ≤ 4.7uF
750
us
tON
VCARD Turn on Time (see Figure 35 on
page 61)
CLOADmax ≤ 4.7uF
150
500
µs
Smartcard CLKPin
VOL
Output Low Level Voltage
I=-50uA
-
-
0.4
2)
V
VOH
Output High Level Voltage
I=50uA
V
CARD-0.5
2)
--
V
TOHL
Output H-L Fall Time
Cl=30pF
-
20
ns
TOLH
Output L-H Rise Time
Cl=30pF
-
20
ns
FVAR
Frequency variation
-
1
%
FDUTY
Duty cycle
45
55
%
ISGND
Short-circuit to Ground
15
mA
Smartcard I/O Pin
VIL
Input Low Level Voltage
-
-
0.5 2)
V
VIH
Input High Level Voltage
0.6V
CARD
2)
--
V
VOL
Output Low Level Voltage
I=-0.5mA
-
-
0.4
2)
V
VOH
Output High Level Voltage
I=20uA
0.8V
CARD
2)
-VCARD
2)
V
IL
Input Leakage Current
VSS<VIN<VSC_PWR
-10
-
10
µA
IRPU
Pull-up Equivalent Resistance
VIN=VSS
24
30
K
Ω
TOHL
Output H-L Fall Time
Cl=30pF
-
0.8
us
TOLH
Output L-H Rise Time
Cl=30pF
-
0.8
us
ISGND
Short-circuit to Ground
15
mA
Smartcard RST C4 and C8 Pin
VOL
Output Low Level Voltage
I=-0.5mA
-
-
0.4
2)
V
VOH
Output High Level Voltage
I=20uA
VCARD-0.5
2)
-
VCARD
2)
V
TOHL
Output H-L Fall Time
Cl=30pF
-
0.8
us
TOLH
Output L-H Rise Time
Cl=30pF
-
0.8
us
ISGND
Short-circuit to Ground
15
mA
SMARTCARD SUPPLY SUPERVISOR
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com