Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FSCR1R4 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST7FSCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FSCR1R4 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST7FSCR1R4 Datasheet HTML 16Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 17Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 18Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 19Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 20Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 21Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 22Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 23Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 102 page
background image
ST7SCR
20/102
6 SUPPLY, RESET AND CLOCK MANAGEMENT
6.1 CLOCK SYSTEM
6.1.1 General Description
The MCU accepts either a 4MHz crystal or an ex-
ternal clock signal to drive the internal oscillator.
The internal clock (fCPU) is derived from the inter-
nal oscillator frequency (fOSC), which is 4Mhz.
After reset, the internal clock (fCPU) is provided by
the internal oscillator (4Mhz frequency).
To activate the 48-MHz clock for the USB inter-
face, the user must turn on the PLL by setting the
PLL_ON bit in the MISCR4 register. When the PLL
is locked, the LOCK bit is set by hardware.
The user can then select an internal frequency
(fCPU) of either 4 MHz or 8MHz by programming
the CLK_SEL bit in the MISCR4 register (refer to
MISCELLANEOUS REGISTERS section on page
37).
The PLL provides a signal with a duty cycle of 50
%.
The internal clock signal (fCPU) is also routed to
the on-chip peripherals. The CPU clock signal
consists of a square wave with a duty cycle of
50%.
Figure 10. Clock, Reset and Supply Block Diagram
The internal oscillator is designed to operate with
an AT-cut parallel resonant quartz in the frequen-
cy range specified for fosc. The circuit shown in
Figure 12 is recommended when using a crystal,
and Table 4 lists the recommended capacitance.
The crystal and associated components should be
mounted as close as possible to the input pins in
order to minimize output distortion and start-up
stabilisation time. The LOCK bit in the MISCR4
register can also be used to generate the fCPU di-
rectly from fOSC if the PLL and the USB interface
are not active.
Table 4. Recommended Values for 4 MHz
Crystal Resonator
Note: RSMAX is the equivalent serial resistor of the
crystal (see crystal specification).
PLL_
MISCR4
ON
-
-
-
--
-
LOCK
4 Mhz
INTERNAL
8 Mhz
CLOCK (fCPU)
4 MHz
PLL
X 12
48 MHz
USB
48 MHz
DIV
(fOSC)
CLK_
SEL
RSMAX
20
Ω
25
Ω
70
Ω
COSCIN
56pF
47pF
22pF
COSCOUT
56pF
47pF
22pF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com