Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FSCR1R4 Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST7FSCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FSCR1R4 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST7FSCR1R4 Datasheet HTML 90Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 91Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 92Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 93Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 94Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 95Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 96Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 97Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 102 page
background image
ST7SCR
94/102
ST7SCR MICROCONTROLLER OPTION LIST
C
ustomer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No: . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/ROM Code* : . . . . . . . . . . . . . . . . . .
*The ROM code name is assigned by STMicroelectronics.
ROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
Conditioning (check only one option):
Note: Die product only for ROM device
Special Marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ "
Authorized characters are letters, digits, ’.’, ’-’, ’/’ and spaces only.
Maximum character count:
S024 (13 char. max) : _ _ _ _ _ _ _ _
TQFP64 (10 char. max) : _ _ _ _ _ _ _ _ _ _
Watchdog:
WDGSW
[ ] Software Activation
[ ] Hardware Activation
Nested Interrupts
NEST
[ ] Nested Interrupts
[ ] Non Nested Interrupts
ISO Clock Source
ISOCLK
[ ] Oscillator
[ ] Divider
No. of Retries
RETRY
[ ] 5
[ ] 4
Readout Protection: FMP_R
[ ] Disabled
[ ] Enabled
Signature
Date
--------------------------
ROM Device:
--------------------------
|
|
------------------------------------
16K
------------------------------------
|
|
SO24:
|
[ ] ST7SCR1E4M1
|
TQFP64:
|
[ ] ST7SCR1R4T1
|
--------------------------
FASTROM Device:
--------------------------
|
|
------------------------------------
16K
------------------------------------
|
|
SO24:
|
[ ] ST7PSCR1E4M1
|
TQFP64:
|
[ ] ST7PSCR1R4T1
|
-----------------------------------------------------------------
Packaged Product:
-----------------------------------------------------------------
|
|
----------------------------------------------------
Die Product (dice tested at 25°C only)
----------------------------------------------------
[ ] Tape & Reel
[ ] Tray (TQFP package only) |
[ ] Tape & Reel
[ ] Tube (SO package only)
|
[ ] Inked wafer
|
[ ] Sawn wafer on sticky foil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com