Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FSCR1R4 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST7FSCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FSCR1R4 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST7FSCR1R4 Datasheet HTML 61Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 62Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 63Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 64Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 65Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 66Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 67Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 68Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
ST7SCR
65/102
SMARTCARD INTERFACE (Cont’d)
SMARTCARD ELEMENTARY TIME UNIT REG-
ISTER (CRDETUx)
CRDETU1
Read/Write
Reset Value: 0000 0001 (01h)
Bit 7 = COMP
Elementary Time Unit Compensa-
tion.
0: Compensation mode disabled.
1: Compensation mode enabled. To allow non in-
teger value, one clock cycle is subtracted from
the ETU value on odd bits. See Figure 30.
Bit [6:3] = Reserved
Bits 2:0 = ETU [10:8]
ETU value in card clock cy-
cles.
Writing CRDETU1 register reloads the ETU coun-
ter.
CRDETU0
Read/Write
Reset Value: 0111 0100 (74h)
Bits 7:0 = ETU [7:0]
ETU value in card clock cy-
cles.
Note: The value of ETU [10:0] must in the range
12 to 2047. To write 2048, clear all the bits.
GUARDTIME REGISTER (CRDGTx)
CRDGT1
Read/Write
Reset Value: 0000 0000 (00h)
CRDGT0
Read/Write
Reset Value: 0000 1100 (0Ch)
Software writes the Guardtime value in this regis-
ter. The value is loaded at the end of the current
Guard period.
GT: Guard Time: Minimum time between two con-
secutive start bits in transmission mode. Value ex-
pressed in Elementary Time Units (from 11 to
511).
The Guardtime between the last byte received
from the card and the next byte transmitted by the
reader must be handled by software.
70
COMP
00
00
ETU10
ETU9
ETU8
70
ETU7
ETU6
ETU5
ETU4
ETU3
ETU2
ETU1
ETU0
70
00
0
0
0
0
0
GT8
70
GT7
GT6
GT5
GT4
GT3
GT2
GT1
GT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com