Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FSCR1R4 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST7FSCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FSCR1R4 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST7FSCR1R4 Datasheet HTML 30Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 31Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 32Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 33Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 34Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 35Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 36Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 37Page - STMicroelectronics ST7FSCR1R4 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 102 page
background image
ST7SCR
34/102
I/O PORTS (Cont’d)
9.4 Register Description
DATA REGISTERS (PxDR)
Port A Data Register (PADR): 0011h
Port B Data Register (PBDR): 0015h
Port C Data Register (PCDR): 0018h
Port D Data Register (PCDR): 0019h
Read /Write
Reset Value Port A: 0000 0000 (00h)
Reset Value Port B: 0000 0000 (00h)
Reset Value Port C: 0000 0000 (00h)
Reset Value Port D: 0000 0000 (00h)
Bits 7:0 = D[7:0]
Data Register 8 bits.
The DR register has a specific behaviour accord-
ing to the selected input/output configuration. Writ-
ing the DR register is always taken in account
even if the pin is configured as an input. Reading
the DR register returns either the DR register latch
content (pin configured as output) or the digital val-
ue applied to the I/O pin (pin configured as input).
DATA DIRECTION REGISTER (PADDR)
Port A Data Direction Register (PADDR): 0012h
Read/Write
Reset Value Port A: 0000 0000 (00h)
Bits 7:0 = DD7-DD0
Data Direction Register 8 bits.
The DDR register gives the input/output direction
configuration of the pins. Each bits is set and
cleared by software.
0: Input mode
1: Output mode
OPTION REGISTER (PxOR)
Port x Option Register
PxOR with x = A, B, or D
Port A Option Register (PAOR): 0013h
Port B Option Register (PBOR): 0016h
Port D Option Register (PDOR): 001Ah
Read /Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = OM[7:0]
Option register 8 bits.
The OR register allows to distinguish in output
mode if the push-pull or open drain configuration is
selected.
Each bit is set and cleared by software.
0: Output open drain
1: Output push-pull
PULL UP CONTROL REGISTER (PxPUCR)
Port x Pull Up Register
PxPUCR with x = A, B, or D
Port A Pull up Register (PAPUCR): 0014h
Port B Pull up Register (PBPUCR): 0017h
Port D Pull up Register (PDPUCR): 001Bh
Read /Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = PU[7:0]
Pull up register 8 bits.
The PU register is used to control the pull up.
Each bit is set and cleared by software.
0: Pull up inactive
1: Pull up active
70
D7
D6
D5
D4
D3
D2
D1
D0
70
DD7
DD6
DD5
DD4
DD3
DD2
DD1
DD0
70
OM7
OM6
OM5
OM4
OM3
OM2
OM1
OM0
70
PU7
PU6
PU5
PU4
PU3
PU2
PU1
PU0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com