Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMCSD491 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # HMCSD491
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

HMCSD491 Datasheet(HTML) 5 Page - Omron Electronics LLC

  HMCSD491 Datasheet HTML 1Page - Omron Electronics LLC HMCSD491 Datasheet HTML 2Page - Omron Electronics LLC HMCSD491 Datasheet HTML 3Page - Omron Electronics LLC HMCSD491 Datasheet HTML 4Page - Omron Electronics LLC HMCSD491 Datasheet HTML 5Page - Omron Electronics LLC HMCSD491 Datasheet HTML 6Page - Omron Electronics LLC HMCSD491 Datasheet HTML 7Page - Omron Electronics LLC HMCSD491 Datasheet HTML 8Page - Omron Electronics LLC HMCSD491 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Quick and Easy Design and Installation
All you need to do is select the camera based on the field of view and installation distance that you require. There is no need to select and
purchase additional lighting or lenses. Furthermore, the time required to wire everything has been drastically reduced due to the low
number of components.
Easy Product Selection
Controller
Console
Camera
Lighting
Power supply of lighting
Lens
Sensor
Monitoring and Setup Tool
Touch Finder or Touch Finder for PC
Monitor
Vision Systems
FQ2-series Smart Cameras
7 or
more
components
Only
2
Sensor
The camera and lighting have been integrated into a single unit, so only one camera mounting bracket is required. The Sensor comes with
a multi-directional mounting bracket that can be attached on any of the four sides of the Camera. Axis alignment is also not required be-
cause the lighting and the camera are integrated into a single unit.
Easy Installation
Standard Vision Cameras
FQ2-series Smart Cameras
Multi-directional Mounting Bracket
1 Mount camera.
2 Mount lighting.
3 Align the optical axes.
Only one mounting bracket
1
2
3
The optical axis must be adjusted
because of two components
are mounted.
Just install the Cameras where you need them. No control panels are required to house the controllers. Triggers can be input for each
Camera, so new Cameras can be added whenever required without having to worry about timing input design. Up to 32 Cameras can be
set up from a single Touch Finder, so you do not need to worry about adding new monitors when you need more Cameras. This also allows
you to smoothly respond to user requests for additional features.
Easy Expansion
Current Vision Systems
FQ2-series Smart Cameras
Current Vision Systems
A separate controller is
needed to add a
new camera.
FQ2-series Smart Cameras
Triggers
Up to 32 Cameras
Connect up the
32 Cameras
and remove them as
required after setup.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com