| Electronic Components Datasheet Search |
|
HMCSD491 Datasheet(PDF) 9 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
HMCSD491 Datasheet(HTML) 9 Page - Omron Electronics LLC |
|
9 / 32 page ![]() ...is now combined into one process. The large amount of data in the built-in dictionary contains approximately 80 different fonts that are used on FA sites.Variations for worn characters, blur- ring, distortion, different backgrounds, and size changes have been included to enable stable and highly accurate reading with the built-in dictionary even for some variations in the characters.It is not necessary to set parameters to compensate for character contrast or positional offsetting. OCR with Built-in Dictionary OCR Utilities That Make Daily Operation Easier Verification The character data being read can be veri- fied against the character data registered in the master data. You can register up to 32 character strings in the master data and easily change the current master data with an external signal. With the FQ2-S4, you can also compare against the character strings read from bar codes or 2D codes. The calendar function eliminates the need to set the date and best-before date manu- ally every day. You can also set the dates according to the dates set to the printer by using the command sent from the external system in addition to from the Touch Finder for the FQ2. Registration in Model Dictionary Non conventional characters can be added to the dictionary.Special fonts are difficult to read with the default settings, but add them to the dictio- nary and the FQ2 provides reliable readings. Logging Images and Reading Data The inspected images and reading results can be temporarily saved in the sensor. Addition- ally, up to 10,000 images and 10,000,000 reading results can be saved in a 4-GB SD card. You can select logging both OK and NG results or only NG results to aid in traceability. Dark areas around characters, such as bar codes, are removed to achieve stable reading. Teach 20 images Up to 1,000 reading results Up to 10,000 images Up to 10,000,000 reading results (with 4-GB SD card) Registered SD card Sensor Touch Finder Before correction After correction Time is required for character registration in the dictionary. Conventional OCR FQ2 OCR ①Draw boxes around characters. ② Set the parameters. ③ Register the master character data. Press the TEACH Button. Register only when verification is performed. Just set Character color to Black or White and Printing type to Solid character or Dot character. The built-in dictionary eliminates the need for character registration in the dictionary, significantly reducing setup time. Reading is started. Worn and inclined characters cannot be read. Unique recognition technology enables stable recognition of worn or distorted characters. Worn Characters Inclined Characters Small Characters Touching characters Curved character strings Touching and curved characters cannot be read. Touching characters and curved character strings can be segmented correctly. Different printers use different printing devices. Characters from most printers, including dot and impact printers, can be read with the built-in dictionary. Inkjet Printer Hot Printer Laser Marker Thermal Printer Handles Approx. 80 Fonts Calendar Function Boundary Correction The character extraction conditions are automatically adjusted according to the conditions of the printed characters. 9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |