| Electronic Components Datasheet Search |
|
HMCSD491 Datasheet(PDF) 19 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
HMCSD491 Datasheet(HTML) 19 Page - Omron Electronics LLC |
|
19 / 32 page ![]() 19 Ordering Information Sensor FQ2-S1 Series [Single-function Type] FQ2-S2 Series [Standard Type] FQ2-S3 Series [High-resolution Type] FQ2-S4 Series [Standard Type] [High-resolution Type] FQ2-CH Series [Optical Character Recognition Sensor] FQ-CR1 Series [Multi Code Reader] FQ-CR2 Series [2D Code Reader] Inspection Model Field of view Narrow View Standard View Wide View (Long-distance) Wide View (Short-distance) Number of pixels 350,000 pixels Color NPN FQ2-S10010F FQ2-S10050F FQ2-S10100F FQ2-S10100N PNP FQ2-S15010F FQ2-S15050F FQ2-S15100F FQ2-S15100N Field of view/ Installation distance Refer to figure 1 on p.20 Refer to figure 2 on p.20 Refer to figure 3 on p.20 Refer to figure 4 on p.20 Field of view Narrow View Standard View Wide View (Long-distance) Wide View (Short-distance) Number of pixels 350,000 pixels Color NPN FQ2-S20010F FQ2-S20050F FQ2-S20100F FQ2-S20100N PNP FQ2-S25010F FQ2-S25050F FQ2-S25100F FQ2-S25100N Field of view/ Installation distance Refer to figure 1 on p.20 Refer to figure 2 on p.20 Refer to figure 3 on p.20 Refer to figure 4 on p.20 Field of view Narrow View Standard View Wide View (Long-distance) Wide View (Short-distance) C-mount Number of pixels 760,000 pixels 1.3 million pixels Color NPN FQ2-S30010F-08 FQ2-S30050F-08 FQ2-S30100F-08 FQ2-S30100N-08 FQ2-S30-13 PNP FQ2-S35010F-08 FQ2-S35050F-08 FQ2-S35100F-08 FQ2-S35100N-08 FQ2-S35-13 Monochrome NPN FQ2-S30010F-08M FQ2-S30050F-08M FQ2-S30100F-08M FQ2-S30100N-08M FQ2-S30-13M PNP FQ2-S35010F-08M FQ2-S35050F-08M FQ2-S35100F-08M FQ2-S35100N-08M FQ2-S35-13M Field of view/ Installation distance Refer to figure 5 on p.20 Refer to figure 6 on p.20 Refer to figure 7 on p.20 Refer to figure 8 on p.20 Refer to optical chart on p.30. Inspection / ID Model Field of view Narrow View Standard View Wide View (Long-distance) Wide View (Short-distance) Number of pixels 350,000 pixels Color NPN FQ2-S40010F FQ2-S40050F FQ2-S40100F FQ2-S40100N PNP FQ2-S45010F FQ2-S45050F FQ2-S45100F FQ2-S45100N Monochrome NPN FQ2-S40010F-M FQ2-S40050F-M FQ2-S40100F-M FQ2-S40100N-M PNP FQ2-S45010F-M FQ2-S45050F-M FQ2-S45100F-M FQ2-S45100N-M Field of view/ Installation distance Refer to figure 1 on p.20 Refer to figure 2 on p.20 Refer to figure 3 on p.20 Refer to figure 4 on p.20 Field of view Narrow View Standard View Wide View (Long-distance) Wide View (Short-distance) C-mount Number of pixels 760,000 pixels 1.3 million pixels Color NPN FQ2-S40010F-08 FQ2-S40050F-08 FQ2-S40100F-08 FQ2-S40100N-08 FQ2-S40-13 PNP FQ2-S45010F-08 FQ2-S45050F-08 FQ2-S45100F-08 FQ2-S45100N-08 FQ2-S45-13 Monochrome NPN FQ2-S40010F-08M FQ2-S40050F-08M FQ2-S40100F-08M FQ2-S40100N-08M FQ2-S40-13M PNP FQ2-S45010F-08M FQ2-S45050F-08M FQ2-S45100F-08M FQ2-S45100N-08M FQ2-S45-13M Field of view/ Installation distance Refer to figure 5 on p.20 Refer to figure 6 on p.20 Refer to figure 7 on p.20 Refer to figure 8 on p.20 Refer to optical chart on p.30. ID Model Field of view Narrow View Standard View Wide View (Long-distance) Wide View (Short-distance) Number of pixels 350,000 pixels Monochrome NPN FQ2-CH10010F-M FQ2-CH10050F-M FQ2-CH10100F-M FQ2-CH10100N-M PNP FQ2-CH15010F-M FQ2-CH15050F-M FQ2-CH15100F-M FQ2-CH15100N-M Field of view/ Installation distance Refer to figure 1 on p.20 Refer to figure 2 on p.20 Refer to figure 3 on p.20 Refer to figure 4 on p.20 Field of view Narrow View Standard View Wide View (Long-distance) Wide View (Short-distance) Number of pixels 350,000 pixels Monochrome NPN FQ-CR10010F-M FQ-CR10050F-M FQ-CR10100F-M FQ-CR10100N-M PNP FQ-CR15010F-M FQ-CR15050F-M FQ-CR15100F-M FQ-CR15100N-M Field of view/ Installation distance Refer to figure 1 on p.20 Refer to figure 2 on p.20 Refer to figure 3 on p.20 Refer to figure 4 on p.20 Field of view Narrow View Standard View Wide View (Long-distance) Wide View (Short-distance) Number of pixels 350,000 pixels Monochrome NPN FQ-CR20010F-M FQ-CR20050F-M FQ-CR20100F-M FQ-CR20100N-M PNP FQ-CR25010F-M FQ-CR25050F-M FQ-CR25100F-M FQ-CR25100N-M Field of view/ Installation distance Refer to figure 1 on p.20 Refer to figure 2 on p.20 Refer to figure 3 on p.20 Refer to figure 4 on p.20 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |