Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMCSD491 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # HMCSD491
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

HMCSD491 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button HMCSD491 Datasheet HTML 12Page - Omron Electronics LLC HMCSD491 Datasheet HTML 13Page - Omron Electronics LLC HMCSD491 Datasheet HTML 14Page - Omron Electronics LLC HMCSD491 Datasheet HTML 15Page - Omron Electronics LLC HMCSD491 Datasheet HTML 16Page - Omron Electronics LLC HMCSD491 Datasheet HTML 17Page - Omron Electronics LLC HMCSD491 Datasheet HTML 18Page - Omron Electronics LLC HMCSD491 Datasheet HTML 19Page - Omron Electronics LLC HMCSD491 Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Useful Onsite Utilities
Real-time Threshold Adjustment
The FQ2 smart camera allows fast and easy real-time parame-
ter adjustment. Eliminating the need to stop the machine for
fine tuning and optimisation of settings, resulting in zero ma-
chine downtime.
Inspection History Logging
Historical results logging is very useful for testing a new line.
Samples are fed down the line and inspection results are
logged. The logged data can be checked on a time scale in
graph form and used to adjust judgement conditions. File Log-
ging is convenient during operation. Large inspection history
can be saved on SD cards and used later for traceability.
Auto Detection
When multiple sensors are connected to the touch finder, the
display automatically switches to the image of the sensor
which has produced an NG result. This allows dynamic visuali-
sation of reject conditions.
Shortcuts
Shortcuts to Setup Menu items that are changed frequently
can be added to the Run Mode display.
This enables the user to quickly perform adjustments when a
problem occurs during operation.
Continuous inspection
Judgement conditions can be adjusted on the Touch Finder.
Updated
SD card
Recent Results Logging
File Logging
Displays the most recent 1,000
inspection results in graph form.
SD
card
!
Up to 10 million measurement
values or more
(for a 4-GB SD card)
Up to 10,000 images or more
(for a 4-GB SD card)
Directly access
frequently used functions.
Note. When 32 sensors are connected,
the most recent NG sensor of 8 sensors selected for display is displayed.
Automatically NG sensor image is displayed !
Simulation Software
Without connecting the FQ2 Sensor, TouchFinder for PC, setup software that runs on a PC, enables offline adjustment of inspection condi-
tions and measurement simulation using logging images. You can verify and adjust from a remote location to increase yields in overseas
factories.
Note. If you register as a member after purchasing a Sensor, you can download TouchFinder for PC for free.
Refer to the member registration sheet for details.
Continuously measures all images in a
folder.
Measures the previous/next image.
Count images
Clearly shows the progress of continuous measurement.
OK or NG image data can be
moved to a different folder.
This facilitates OK/NG clas-
sification.
Operation
Production site
Load and
save sensor settings
Office
Verification/adjustment
Alert judgments
Measure offline
16
Parameter adjustment on Touch Finder
Fine-tuning can be done on the production
site.Judgment parameters can be smoothly
changed without interrupting inspection.
Adjustment on TouchFinder for PC
Histograms allow you to check the distribu-
tion of values measured using logging images
to verify the best judgment parameters. After
adjustment, the judgment parameters can be
reflected in the Sensor as smoothly as using
the Touch Finder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com