Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM65645 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM65645
Description  LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM65645 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM65645 Datasheet HTML 8Page - Texas Instruments LM65645 Datasheet HTML 9Page - Texas Instruments LM65645 Datasheet HTML 10Page - Texas Instruments LM65645 Datasheet HTML 11Page - Texas Instruments LM65645 Datasheet HTML 12Page - Texas Instruments LM65645 Datasheet HTML 13Page - Texas Instruments LM65645 Datasheet HTML 14Page - Texas Instruments LM65645 Datasheet HTML 15Page - Texas Instruments LM65645 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
7 Detailed Description
7.1 Overview
The LM656x5 is a family of high-efficiency, high-power density, ultra-low EMI buck converters. These converters
operate over a wide input voltage range of 3V to 65V (70V <100ms) with pin selectable fixed output voltages of
3.3V, 5V, or as in adjustable output configuration.
The current-mode control architecture, with 30ns typical minimum on-time, allows high conversion ratios at high
frequencies, fast transient response, and excellent load and line regulation. If the minimum on-time or minimum
off-time does not support the desired conversion ratio, the switching frequency is automatically reduced. This
feature allows regulation to be maintained during load dump events and cold cranking situations.
This device is designed to minimize end-product cost and size while operating in high-performance industrial
environments. The LM656x5 can be set to operate at fixed 400kHz, fixed 2.2MHz, or in adjustable mode from
300kHz to 2.2MHz by using the RT pin. An integrated compensation network combined with an accurate current
limit scheme minimizes bill of material cost and component count.
The LM656x5 has been designed for low EMI. The device includes the following:
• Mode pin-configurable ±5% or ±10% dual random spread spectrum (DRSS) frequency hopping
• Symmetrical pin out minimizing parasitic package inductance
• Operation over a frequency range above and below AM radio band
• Pin-configurable for AUTO or FPWM mode along with external clock synchronization capabilities
These features can eliminate shielding and other expensive EMI mitigation measures.
To use the device in reliability-conscious environments, the LM656x5 has a package with enlarged corner
terminals for improved board level reliability and wettable flanks, allowing optical inspection.
LM65625, LM65635, LM65645
SNVSCH3 – JUNE 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM65625 LM65635 LM65645



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com