Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM65645 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM65645
Description  LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM65645 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM65645 Datasheet HTML 28Page - Texas Instruments LM65645 Datasheet HTML 29Page - Texas Instruments LM65645 Datasheet HTML 30Page - Texas Instruments LM65645 Datasheet HTML 31Page - Texas Instruments LM65645 Datasheet HTML 32Page - Texas Instruments LM65645 Datasheet HTML 33Page - Texas Instruments LM65645 Datasheet HTML 34Page - Texas Instruments LM65645 Datasheet HTML 35Page - Texas Instruments LM65645 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
input voltage ripple and maintain the input voltage during load transients. In addition, a high frequency bypass
capacitance of 2 × 100nF ceramic capacitor must be used at the input, as close a possible to the regulator.
Place one capacitor on each side of the package and connected directly to the VIN and GND pins of the device.
This requirement provides a high frequency bypass for the control circuits internal to the device.
For this example, 2 × 4.7µF, 100V, X7R (or better) ceramic capacitors are chosen. The 100nF capacitors must
also be rated at 100V with an X7R dielectric.
Using an electrolytic capacitor on the input in parallel with the ceramics is often desirable. This statement is
especially true if long leads or traces are used to connect the input supply to the regulator, or an input EMI
filter is used. The moderate ESR of this capacitor can help damp any ringing on the input supply caused by
any inductance on the input. The use of this additional capacitor also helps with voltage dips caused by input
supplies with unusually high impedance.
Most of the input switching current passes through the ceramic input capacitor or capacitors. The approximate
RMS value of this current can be calculated from Equation 12 and must be checked against the manufacturers
maximum ratings.
(12)
8.2.2.7 CBOOT
The LM656x5 requires a bootstrap capacitor connected between the BOOT pin and the SW pin. This capacitor
stores energy that is used to supply the high-side gate driver for the power MOSFET, along with other critical
control circuits. A high-quality ceramic capacitor of 100nF and at least 16V is required.
8.2.2.8 External UVLO
In some cases, an input UVLO level different than that provided internal to the device is needed. This need can
be accomplished by using the circuit shown in Figure 8-3. The turn-on voltage is designated as VON while the
turn-off voltage is VOFF. First, a value for RENB is chosen in the range of 10kΩ to 100kΩ, then use Equation 13
and Equation 14 to calculate RENT and VOFF.
EN
RENT
RENB
VIN
Figure 8-3. Setup for External UVLO Application
RENT =RENB× VONVEN−H −1
(13)
VOFF =VEN−L× VONVEN−H 
(14)
where
• VON = VIN turn-on voltage
• VOFF = VIN turn-off voltage
8.2.2.9 Maximum Ambient Temperature
As with any power conversion device, the regulator dissipates internal power while operating. The effect of
this power dissipation is to raise the internal temperature of the converter above ambient. The internal die
LM65625, LM65635, LM65645
SNVSCH3 – JUNE 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM65625 LM65635 LM65645



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com