Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM65645 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM65645
Description  LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM65645 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM65645 Datasheet HTML 4Page - Texas Instruments LM65645 Datasheet HTML 5Page - Texas Instruments LM65645 Datasheet HTML 6Page - Texas Instruments LM65645 Datasheet HTML 7Page - Texas Instruments LM65645 Datasheet HTML 8Page - Texas Instruments LM65645 Datasheet HTML 9Page - Texas Instruments LM65645 Datasheet HTML 10Page - Texas Instruments LM65645 Datasheet HTML 11Page - Texas Instruments LM65645 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
6.5 Electrical Characteristics (continued)
Limits apply over the recommended operating junction temperature (TJ) range of –40°C to +150°C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 13.5V, VEN = VIN, VOUT = 3.3V, fSW = 2.2MHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL LDO (VCC PIN)
VVCC
Internal LDO output voltage
3.4V ≤ VIN ≤ 65V, VBIAS = 0V
3.35
V
3.4V ≤ VBIAS ≤ 30V
3.35
V
VVCC-UVLO_R
VCC UVLO rising threshold
VCC rising under voltage threshold, IVCC =
0A
3.20
3.5
3.65
V
V VCC-UVLO_H
VCC UVLO hysteresis
Hysteresis below VVCC-UVLO_R
0.9
V
VOLTAGE REFERENCE (FB PIN)
VFB
Internal feedback reference voltage
FPWM Mode
0.792
0.8
0.808
V
IFB-LKG
Feedback pin input leakage current
VFB = 0.8V, adjustable version
0.025
nA
RFB-SEL-5V
Resistance for fixed 5.0V setting from FB
pin to VCC
200
Ω
RFB-SEL-3V
Resistance for fixed 3.3V setting from FB
pin to GND
200
Ω
RFB-SEL-ADJ
Thevenin equivalent resistance of external
FB divider on FB pin to select adjustable
output voltage setting
4
100
kΩ
FIXED OUTPUT VOLTAGE (BIAS PIN)
VOUT(3.3V)
3.3V fixed output voltage
FB shorted to GND
3.267
3.3
3.333
V
VOUT(5V)
5.0V fixed output voltage
FB shorted to VCC
4.95
5
5.05
V
STARTUP (SS PIN)
tEN_HIGH
Enable HIGH to start of switching delay
VFB = VRT = VMODE = GND, VBIAS = VOUT
3.0
ms
tSS
Internal fixed soft-start time
Time from first SW pulse to VREF at 90% of
set point
2.9
5.3
8.1
ms
CURRENT LIMITS AND HICCUP
IHS-LIM
High side peak current limit, 4.5A trim option Duty cycle approaches 0%.
5.4
6.6
7.25
A
ILS-LIM
Low side valley current limit, 4.5A trim
option
Valley current limit on low-side FET
4.1
5.2
5.65
A
IL-PEAK-MIN
Minimum peak inductor current at minimum
duty cycle, 4.5A trim option
VVCC = 3.3V, tpulse ≤ 100ns, auto mode
1.21
1.57
1.92
A
IL-PEAK-MAX
Minimum peak inductor current at maximum
duty cycle, 4.5A Trim Option
VVCC = 3.3V, tpulse ≥ 1µs, auto mode
0.66
A
IHS-LIM
High side peak current limit, 3.5A trim option Duty-cycle approaches 0%.
4.8
5.45
5.9
A
ILS-LIM
Low side valley current limit, 3.5A trim
option
Valley current limit on low-side FET
3.5
4.4
4.85
A
IL-PEAK-MIN
Minimum peak inductor current at minimum
duty cycle, 3.5A trim option
VVCC = 3.3V, tpulse ≤ 100ns, auto mode
0.80
1.29
1.58
A
IL-PEAK-MAX
Minimum peak inductor current at maximum
duty cycle, 3.5A trim option
VVCC = 3.3V, tpulse ≥ 1µs, auto mode
0.52
A
IHS-LIM
High side peak current limit, 2.5A trim option Duty-cycle approaches 0%.
3.75
4.1
4.9
A
ILS-LIM
Low side valley current limit, 2.5A trim
option
Valley current limit on low-side FET
2.4
3.0
3.4
A
IL-PEAK-MIN
Minimum peak inductor current at minimum
duty cycle, 2.5A trim option
VVCC = 3.3V, tpulse ≤ 100ns, auto mode
0.8
1.1
1.35
A
IL-PEAK-MAX
Minimum peak inductor current at maximum
duty cycle, 2.5A trim option
VVCC = 3.3V, tpulse ≥ 1µs, auto mode
0.43
A
ILS-NEG-LIM
Low side negative current limit, All current
limit trim options
Sinking current limit on LS FET, FPWM
mode
–6
–4.3
–2.8
A
IL-ZC-LIM
Zero-cross current limit
VVCC = 3.3V, auto mode
45
mA
VHIC
Overcurrent hiccup threshold on FB pin
LS FET on-time > 165ns, not during soft
start
0.32
V
tHIC_DLY
Hiccup mode activation delay
64
cycles
LM65625, LM65635, LM65645
SNVSCH3 – JUNE 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM65625 LM65635 LM65645



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com