Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM65645 Datasheet(PDF) 39 Page - Texas Instruments

Part # LM65645
Description  LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM65645 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM65645 Datasheet HTML 35Page - Texas Instruments LM65645 Datasheet HTML 36Page - Texas Instruments LM65645 Datasheet HTML 37Page - Texas Instruments LM65645 Datasheet HTML 38Page - Texas Instruments LM65645 Datasheet HTML 39Page - Texas Instruments LM65645 Datasheet HTML 40Page - Texas Instruments LM65645 Datasheet HTML 41Page - Texas Instruments LM65645 Datasheet HTML 42Page - Texas Instruments LM65645 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Output Current (A)
0.001
0.01
0.1
1
10
50
60
70
80
90
100
12V
24V
36V
48V
LM6xx25
VOUT = 3.3V
1000kHz
Figure 8-31. LM6xx25 Efficiency - Auto Mode
Output Current (A)
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
12V
24V
36V
48V
LM6xx25
VOUT = 3.3V
1000kHz
Figure 8-32. LM6xx25 Efficiency - FPWM Mode
Output Current (A)
0.001
0.01
0.1
1
10
40
50
60
70
80
90
100
12V
24V
36V
48V
LM6xx25
VOUT = 5V
1000kHz
Figure 8-33. LM6xx25 Efficiency - Auto Mode
Output Current (A)
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
12V
24V
36V
48V
LM6xx25
VOUT = 5V
1000kHz
Figure 8-34. LM6xx25 Efficiency - FPWM Mode
Output Current (A)
0.001
0.01
0.1
1
10
50
60
70
80
90
100
12V
24V
36V
48V
LM6x635
VOUT = 3.3V
1000kHz
Figure 8-35. LM6x635 Efficiency - Auto Mode
Output Current (A)
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
12V
24V
36V
48V
LM6x635
VOUT = 3.3V
1000kHz
Figure 8-36. LM6x635 Efficiency - FPWM Mode
www.ti.com
LM65625, LM65635, LM65645
SNVSCH3 – JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LM65625 LM65635 LM65645



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com