Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM65645 Datasheet (PDF) - Texas Instruments

LM65645 Datasheet PDF - Texas Instruments
Part # LM65645
Download  LM65645 Download
File Size   3764.44 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters

LM65645 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM65645 Datasheet PDF - Texas Instruments

Part # LM65645
Download  LM65645 Click to download

File Size   3764.44 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters

LM65645 Datasheet (HTML) - Texas Instruments


LM65645 Product details

1 Features
• Wide input voltage range: 3V to 65V (70V transient
< 100ms)
– Meets LV148 / ISO21780 requirements
• Designed for low EMI requirements
– Facilitates CISPR 11 class B compliance
– Mode pin configurable ±5% or ±10% dualrandom
spread spectrum reducing peak
emissions
– Enhanced HotRod™ QFN package with
symmetrical pinout
– Switching frequency from 300kHz to 2.2MHz
– Pin-configurable AUTO or FPWM operation
– Internal compensation, current limit, and TSD
• Low minimum on time: 40ns (maximum)
– Enables 36VIN to 3.3VOUT conversion at
2.2MHz
• High-efficiency power conversion at all loads
– > 94% peak efficiency at 24VIN, 5VOUT, 400kHz
– 2.5μA switching input current at no load
• High power density
– 3.6mm × 2.6mm, wettable flank, 20-pin
package
– Pin compatible with 36V 4/6/8A LM654x0-Q1
– ϴJA = 24.0°C/W (LM65645EVM)
• Create a custom design using the LM656x5 with
the WEBENCH® Power Designer

2 Applications
• Industrial transport systems
• Factory automation and control systems
• Medical imaging systems

3 Description
The LM656x5 are a family of buck converters
designed for high efficiency, high-power density, and
ultra-low electromagnetic interference (EMI). The
converters operate over a wide input voltage range
of 3V to 65V (70V transient < 100ms), reducing
the need for external input surge protection. The
LM656x5 comes with pin selectable fixed output
voltages of 3.3V and 5V or in adjustable configuration.
The low EMI operation is enabled with minimized
loop inductance and optimized switch node slew
rate. A pin-selectable ±5% or ±10% dual-random
spread spectrum (DRSS) significantly reduces peak
emissions through a combination of triangular and
pseudo-random modulation while keeping output
voltage ripple very low. The current-mode control
architecture with a 30ns typical minimum on-time
allows high conversion ratios at high frequencies
coupled with a fast transient response and excellent
load and line regulation.




Similar Part No. - LM65645

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM65645 TI2-LM65645 Datasheet
3Mb / 66P
LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters
JUNE 2025
LM65645 TI2-LM65645 Datasheet
3Mb / 66P
LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters
JUNE 2025
LM65645-Q1 TI1-LM65645-Q1 Datasheet
1Mb / 45P
LM656x5-Q1 High Performance Power Converter, 3V to 65V, Pin-Compatible, 2.5A/3.5A/4.5A, Automotive, Low EMI Synchronous Buck Converter
SEPTEMBER 2024
LM65645-Q1 TI2-LM65645-Q1 Datasheet
3Mb / 66P
LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters
JUNE 2025
LM65645RZTR TI2-LM65645RZTR Datasheet
3Mb / 66P
LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters
JUNE 2025
More results


Similar Description - LM65645

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2177 MICREL-MIC2177 Datasheet
181Kb / 16P
2.5A Synchronous Buck Regulator
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
2.5A Synchronous Buck Regulator
MIC2177 MICREL-MIC2177_08 Datasheet
224Kb / 15P
2.5A Synchronous Buck Regulator
MIC2178 MICREL-MIC2178_05 Datasheet
179Kb / 15P
2.5A Synchronous Buck Regulator
logo
Lowpower Semiconductor ...
LP6493 POWER-LP6493 Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
logo
Major-Power Technology ...
MA5605 MPOWER-MA5605 Datasheet
462Kb / 9P
36V 4.5A Synchronous Buck Converter
logo
Maxim Integrated Produc...
MAX20457 MAXIM-MAX20457 Datasheet
1Mb / 17P
High-Efficiency, 36V, Dual Synchronous Buck Converters (3.5A/2A) for Automotive Applications
Rev 3; 11/19
logo
Diodes Incorporated
AP62250 DIODES-AP62250 Datasheet
1Mb / 21P
4.2V TO 18V INPUT, 2.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 January 2021
AP63356 DIODES-AP63356 Datasheet
1Mb / 29P
3.8V TO 32V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 3 - 2 August 2019
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com