Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM65645 Datasheet (PDF) - Texas Instruments

LM65645 Datasheet PDF - Texas Instruments
Part # LM65645
Download  LM65645 Download
File Size   3765.38 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters

LM65645 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM65645 Datasheet PDF - Texas Instruments

Part # LM65645
Download  LM65645 Click to download

File Size   3765.38 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters

LM65645 Datasheet (HTML) - Texas Instruments


LM65645 Product details

1 Features
• Wide input voltage range: 3V to 65V (70V transient < 100ms)
– Meets LV148 / ISO21780 requirements
• Designed for low EMI requirements
– Facilitates CISPR 11 class B compliance
– Mode pin configurable ±5% or ±10% dualrandom spread spectrum reducing peak emissions
– Enhanced HotRod™ QFN package with symmetrical pinout
– Switching frequency from 300kHz to 2.2MHz
– Pin-configurable AUTO or FPWM operation
– Internal compensation, current limit, and TSD
• Low minimum on time: 40ns (maximum)
– Enables 36VIN to 3.3VOUT conversion at 2.2MHz
• High-efficiency power conversion at all loads
– > 94% peak efficiency at 24VIN, 5VOUT, 400kHz
– 2.5μA switching input current at no load
• High power density
– 3.6mm × 2.6mm, wettable flank, 20-pin package
– Pin compatible with 36V 4/6/8A LM654x0-Q1
– ϴJA = 24.0°C/W (LM65645EVM)
• Create a custom design using the LM656x5 with the WEBENCH® Power Designer




Similar Part No. - LM65645

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM65645 TI2-LM65645 Datasheet
3Mb / 66P
LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters
JUNE 2025
LM65645 TI2-LM65645 Datasheet
3Mb / 66P
LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters
JUNE 2025
LM65645-Q1 TI1-LM65645-Q1 Datasheet
1Mb / 45P
LM656x5-Q1 High Performance Power Converter, 3V to 65V, Pin-Compatible, 2.5A/3.5A/4.5A, Automotive, Low EMI Synchronous Buck Converter
SEPTEMBER 2024
LM65645-Q1 TI2-LM65645-Q1 Datasheet
3Mb / 66P
LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters
JUNE 2025
LM65645-Q1 TI2-LM65645-Q1 Datasheet
3Mb / 66P
LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters
JUNE 2025
More results


Similar Description - LM65645

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2177 MICREL-MIC2177 Datasheet
181Kb / 16P
2.5A Synchronous Buck Regulator
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
2.5A Synchronous Buck Regulator
MIC2177 MICREL-MIC2177_08 Datasheet
224Kb / 15P
2.5A Synchronous Buck Regulator
MIC2178 MICREL-MIC2178_05 Datasheet
179Kb / 15P
2.5A Synchronous Buck Regulator
logo
Lowpower Semiconductor ...
LP6493 POWER-LP6493 Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
logo
Major-Power Technology ...
MA5605 MPOWER-MA5605 Datasheet
462Kb / 9P
36V 4.5A Synchronous Buck Converter
logo
Maxim Integrated Produc...
MAX20457 MAXIM-MAX20457 Datasheet
1Mb / 17P
High-Efficiency, 36V, Dual Synchronous Buck Converters (3.5A/2A) for Automotive Applications
Rev 3; 11/19
logo
Diodes Incorporated
AP62250 DIODES-AP62250 Datasheet
1Mb / 21P
4.2V TO 18V INPUT, 2.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 January 2021
AP63356 DIODES-AP63356 Datasheet
1Mb / 29P
3.8V TO 32V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 3 - 2 August 2019
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com