Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM65645 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM65645
Description  LM656x5 High-Performance, 3V to 65V, Pin Compatible, 2.5A, 3.5A, 4.5A, Industrial, Low EMI, Synchronous Buck Converters
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM65645 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM65645 Datasheet HTML 17Page - Texas Instruments LM65645 Datasheet HTML 18Page - Texas Instruments LM65645 Datasheet HTML 19Page - Texas Instruments LM65645 Datasheet HTML 20Page - Texas Instruments LM65645 Datasheet HTML 21Page - Texas Instruments LM65645 Datasheet HTML 22Page - Texas Instruments LM65645 Datasheet HTML 23Page - Texas Instruments LM65645 Datasheet HTML 24Page - Texas Instruments LM65645 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
In hiccup mode, the device shuts down and attempts to soft start after tHIC. Hiccup mode helps reduce the
device power dissipation under severe overcurrent and short circuit conditions.
7.3.9.4 Thermal Shutdown
Thermal shutdown limits total power dissipation by turning off the internal switches when the IC junction
temperature exceeds 165°C (typical) and power-good (PG) asserts. Thermal shutdown does not trigger
below 155°C. After thermal shutdown occurs, hysteresis prevents the device from switching until the junction
temperature drops to approximately 156°C. When the junction temperature falls below 156°C (typical), the
LM656x5 attempts to soft start.
7.4 Device Functional Modes
7.4.1 Shutdown Mode
The EN pin provides electrical on and off control of the device. When the EN pin voltage is below 0.9V, both the
regulator and the internal LDO have no output voltage and the part is in shutdown mode. In shutdown mode, the
quiescent current drops below 0.85µA and PG pin gets pulled low.
7.4.2 Active Mode
The LM656x5 is in active mode when the following occurs:
• The EN pin is above VEN_TH_R.
• VIN is above VIN_UVLO_R.
• VIN is high enough to satisfy the VIN minimum operating input voltage.
• No other fault conditions are present.
See Section 7.3 for protection features. The simplest way to enable the operation is to connect EN to VIN,
allowing self-start-up when the applied input voltage exceeds the minimum VIN_OPERATE.
In active mode, depending on the load current, input voltage, and output voltage, the LM656x5 is in one of six
sub-modes:
• Continuous conduction mode (CCM) with fixed switching frequency and peak current mode operation.
• Discontinuous conduction mode (DCM) while in auto mode when the load current is lower than half of the
inductor current ripple. If current continues to reduce, the device enters Pulse Frequency Modulation (PFM)
which reduces the switch frequency to maintain regulation while reducing switching losses to achieve higher
efficiency at light load.
• Minimum on-time operation while the on-time of the device needed for full-frequency operation at the
requested low-duty cycle is not supported by TON_MIN.
• Forced pulse width modulation (FPWM) similar to CCM with fixed-switching frequency, but extends the fixed
frequency range of operation from full to no load.
• A current limiting condition where the output voltage remains above 0.4 times the output setpoint.
• Dropout mode when switching frequency is reduced to minimize dropout.
• Recovery from dropout similar to other modes of operation except the output voltage setpoint is gradually
moved up until the programmed setpoint is reached.
7.4.2.1 Peak Current Mode Operation
The following operating description of the LM656x5 refers to Section 7.2 and the waveforms in Figure 7-10.
Both supply a regulated output voltage by turning on the internal high-side (HS) and low-side (LS) NMOS
switches with varying duty cycle (D). During the HS switch on-time, the SW terminal voltage, VSW, swings up to
approximately VIN, and the inductor current, iL, increases with a linear slope. The HS switch is turned off by the
control logic. During the HS switch off-time, tOFF, the LS switch is turned on. Inductor current discharges through
the LS switch, forcing VSW to swing below ground by the voltage drop across the LS switch. The regulator loop
adjusts the duty cycle to maintain a constant output voltage. D is defined by the on-time of the HS switch over
the switching period: D = TON / (TON + TOFF).
In an ideal buck converter, where losses are ignored, D is proportional to the output voltage and inversely
proportional to the input voltage: D = VOUT / VIN.
www.ti.com
LM65625, LM65635, LM65645
SNVSCH3 – JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM65625 LM65635 LM65645



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com