Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL6902 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSL6902
Description  Very high accuracy (12 μV) zero drift micropower 5 V cost-effective operational amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL6902 Datasheet(HTML) 1 Page - STMicroelectronics

  TSL6902 Datasheet HTML 1Page - STMicroelectronics TSL6902 Datasheet HTML 2Page - STMicroelectronics TSL6902 Datasheet HTML 3Page - STMicroelectronics TSL6902 Datasheet HTML 4Page - STMicroelectronics TSL6902 Datasheet HTML 5Page - STMicroelectronics TSL6902 Datasheet HTML 6Page - STMicroelectronics TSL6902 Datasheet HTML 7Page - STMicroelectronics TSL6902 Datasheet HTML 8Page - STMicroelectronics TSL6902 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Features
•
Very high accuracy and stability: offset voltage 12 µV max.
•
Rail-to-rail input and output
•
Low supply voltage: 1.8 - 5.5 V
•
Low power consumption: 40 µA max. at 5 V
•
Gain bandwidth product: 375 kHz
•
High tolerance to ESD: 4 kV HBM
•
Extended temperature range: -40 to 125 °C
•
Micro-package: SC70-5, DFN8 2x2 and QFN16 3x3
Applications
•
Cost-sensitive applications
•
Battery-powered applications
Description
The TSL6901, TSL6902, and TSL6904 are high precision operational amplifiers
which offer very low input offset voltages with virtually zero drift.
TSL6901, TSL6902, and TSL6904 are pinouts compatible with industry standards.
The TSL690x family offers rail-to-rail input and output, excellent speed/power
consumption ratio, and 375 kHz gain bandwidth product, while consuming less than
40 µA at 5 V. The devices also feature an ultra-low input bias current.
These features make the TSL690x family product ideal for sensor interfaces, battery-
powered applications, and portable applications.
TSL6901
TSL6902
TSL6904
SC70-5
SOT23-5
DFN8 2x2
MiniSO8
SO8
QFN16 3x3
TSSOP14
Maturity status link
TSL6901, TSL6902, TSL6904
Related products
TSL600x
For higher bandwidth (1 MHz)
TSL620x For higher bandwidth (10 MHz)
TSL640x For higher bandwidth (50 MHz)
TSL680x
For more power saving
Very high accuracy (12 µV) zero drift micropower 5 V cost-effective operational
amplifiers
TSL6901, TSL6902, TSL6904
Datasheet
DS14778 - Rev 1 - February 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSL6902

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSL6001 STMICROELECTRONICS-TSL6001 Datasheet
978Kb / 18P
Low-power, 1 MHz, rail-to-rail, 5 V cost-effective op amp
12-May-2025
TSL6001ICT STMICROELECTRONICS-TSL6001ICT Datasheet
978Kb / 18P
Low-power, 1 MHz, rail-to-rail, 5 V cost-effective op amp
12-May-2025
TSL6001ILT STMICROELECTRONICS-TSL6001ILT Datasheet
978Kb / 18P
Low-power, 1 MHz, rail-to-rail, 5 V cost-effective op amp
12-May-2025
TSL6001IYLT STMICROELECTRONICS-TSL6001IYLT Datasheet
978Kb / 18P
Low-power, 1 MHz, rail-to-rail, 5 V cost-effective op amp
12-May-2025
TSL6002IDT STMICROELECTRONICS-TSL6002IDT Datasheet
978Kb / 18P
Low-power, 1 MHz, rail-to-rail, 5 V cost-effective op amp
12-May-2025
More results

Similar Description - TSL6902

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
logo
Linear Technology
LTC2055 LINER-LTC2055 Datasheet
190Kb / 12P
Single/Dual Micropower Zero-Drift Operational Amplifiers
logo
Texas Instruments
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
logo
STMicroelectronics
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
logo
Texas Instruments
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
logo
STMicroelectronics
TSZ182 STMICROELECTRONICS-TSZ182 Datasheet
2Mb / 39P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
21-Nov-2016
TSZ181 STMICROELECTRONICS-TSZ181 Datasheet
2Mb / 43P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
Rev 5 - August 2018
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com