Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL6002IDT Datasheet (PDF) - STMicroelectronics

TSL6002IDT Datasheet PDF - STMicroelectronics
Part # TSL6002IDT
Download  TSL6002IDT Download
File Size   978.17 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power, 1 MHz, rail-to-rail, 5 V cost-effective op amp

TSL6002IDT Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL6002IDT Datasheet PDF - STMicroelectronics

Part # TSL6002IDT
Download  TSL6002IDT Click to download

File Size   978.17 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power, 1 MHz, rail-to-rail, 5 V cost-effective op amp

TSL6002IDT Datasheet (HTML) - STMicroelectronics


TSL6002IDT Product details

Features
• Gain bandwidth product 1 MHz, unity gain stable
• Rail-to-rail input and output
• Wide supply voltage range: 1.8 V to 5.5 V
• Input offset voltage: 4.5 mV
• Low input bias current: 1 pA typ.
• Extended temperature range: -40 °C to +125 °C
• Automotive grade versions available

Applications
• Cost-sensitive applications
• Battery-powered products
• Automotive applications




Similar Part No. - TSL6002IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSL6201 STMICROELECTRONICS-TSL6201 Datasheet
1Mb / 19P
High bandwidth 8 MHz, rail-to-rail, 5 V cost-effective op amp
07-Apr-2025
TSL6201ILT STMICROELECTRONICS-TSL6201ILT Datasheet
1Mb / 19P
High bandwidth 8 MHz, rail-to-rail, 5 V cost-effective op amp
07-Apr-2025
TSL6201IYLT STMICROELECTRONICS-TSL6201IYLT Datasheet
1Mb / 19P
High bandwidth 8 MHz, rail-to-rail, 5 V cost-effective op amp
07-Apr-2025
TSL6202IST STMICROELECTRONICS-TSL6202IST Datasheet
1Mb / 19P
High bandwidth 8 MHz, rail-to-rail, 5 V cost-effective op amp
07-Apr-2025
TSL6202IYST STMICROELECTRONICS-TSL6202IYST Datasheet
1Mb / 19P
High bandwidth 8 MHz, rail-to-rail, 5 V cost-effective op amp
07-Apr-2025
More results


Similar Description - TSL6002IDT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
450 UA, 5 MHz Rail-to-Rail Op Amp
2004
logo
Texas Instruments
TLV9101 TI1-TLV9101_V01 Datasheet
2Mb / 50P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101_V02 Datasheet
3Mb / 58P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101_V03 Datasheet
4Mb / 64P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101_V04 Datasheet
4Mb / 66P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI1-TLV9101_V05 Datasheet
4Mb / 66P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI-TLV9101_V06 Datasheet
5Mb / 74P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI-TLV9101_V07 Datasheet
5Mb / 76P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI-TLV9101_V08 Datasheet
5Mb / 79P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
TLV9101 TI-TLV9101_V09 Datasheet
6Mb / 81P
TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
AUGUST 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com