Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL6201 Datasheet (PDF) - STMicroelectronics

TSL6201 Datasheet PDF - STMicroelectronics
Part # TSL6201
Download  TSL6201 Download
File Size   1280.09 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High bandwidth 8 MHz, rail-to-rail, 5 V cost-effective op amp

TSL6201 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL6201 Datasheet PDF - STMicroelectronics

Part # TSL6201
Download  TSL6201 Click to download

File Size   1280.09 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High bandwidth 8 MHz, rail-to-rail, 5 V cost-effective op amp

TSL6201 Datasheet (HTML) - STMicroelectronics


TSL6201 Product details

Features
• Automotive grade version available
• Gain bandwidth product 8 MHz, unity gain stable
• Rail-to-rail input and output
• Wide supply voltage range: 2.5 V to 5.5 V
• Input offset voltage: 4.5 mV
• Low input bias current: 1 pA typ.
• Extended temperature range: -40 °C to +125 °C

Applications
• Cost-sensitive applications
• Battery-powered products
• Automotive applications




Similar Part No. - TSL6201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSL6001 STMICROELECTRONICS-TSL6001 Datasheet
978Kb / 18P
Low-power, 1 MHz, rail-to-rail, 5 V cost-effective op amp
12-May-2025
TSL6001ICT STMICROELECTRONICS-TSL6001ICT Datasheet
978Kb / 18P
Low-power, 1 MHz, rail-to-rail, 5 V cost-effective op amp
12-May-2025
TSL6001ILT STMICROELECTRONICS-TSL6001ILT Datasheet
978Kb / 18P
Low-power, 1 MHz, rail-to-rail, 5 V cost-effective op amp
12-May-2025
TSL6001IYLT STMICROELECTRONICS-TSL6001IYLT Datasheet
978Kb / 18P
Low-power, 1 MHz, rail-to-rail, 5 V cost-effective op amp
12-May-2025
TSL6002IDT STMICROELECTRONICS-TSL6002IDT Datasheet
978Kb / 18P
Low-power, 1 MHz, rail-to-rail, 5 V cost-effective op amp
12-May-2025
More results


Similar Description - TSL6201

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6271 MICROCHIP-MCP6271 Datasheet
596Kb / 34P
170 UA, 2 MHz Rail-to-Rail Op Amp
2004
MCP6291 MICROCHIP-MCP6291 Datasheet
589Kb / 32P
1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
450 UA, 5 MHz Rail-to-Rail Op Amp
2004
logo
Intersil Corporation
ISL24020 INTERSIL-ISL24020 Datasheet
194Kb / 10P
Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
logo
Microchip Technology
MCP6281 MICROCHIP-MCP6281_08 Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6291 MICROCHIP-MCP6291 Datasheet
689Kb / 36P
1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
logo
STMicroelectronics
TSV792 STMICROELECTRONICS-TSV792 Datasheet
5Mb / 36P
High bandwidth (50 MHz) low offset (200 μV) rail-to-rail 5 V op-amp
Rev 1 - November 2020
TSV771 STMICROELECTRONICS-TSV771 Datasheet
3Mb / 32P
High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
TSV782 STMICROELECTRONICS-TSV782 Datasheet
8Mb / 32P
High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
19-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com