Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL6902 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSL6902
Description  Very high accuracy (12 μV) zero drift micropower 5 V cost-effective operational amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL6902 Datasheet(HTML) 5 Page - STMicroelectronics

  TSL6902 Datasheet HTML 1Page - STMicroelectronics TSL6902 Datasheet HTML 2Page - STMicroelectronics TSL6902 Datasheet HTML 3Page - STMicroelectronics TSL6902 Datasheet HTML 4Page - STMicroelectronics TSL6902 Datasheet HTML 5Page - STMicroelectronics TSL6902 Datasheet HTML 6Page - STMicroelectronics TSL6902 Datasheet HTML 7Page - STMicroelectronics TSL6902 Datasheet HTML 8Page - STMicroelectronics TSL6902 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
3
Electrical characteristics
Table 6. Electrical characteristics at VCC = 2 V to 5 V, VICM = VOUT = VCC / 2, T = 25 °C and OUT connected to VCC / 2
through RL = 10 kΩ (unless otherwise specified).
Production screening at VCC = 5 V, operation on the full supply range ensured by design and characterization.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
T = 25 °C
2
12
μV
ΔVio / ΔT
Input offset voltage drift (1)
-40 °C < T < 125 °C
15
nV/°C
Iib
Input bias current (Vout = VCC/2)
T = 25 °C
+/-65
pA
-40 °C < T < 125 °C
+/-140
Iio
Input offset current (Vout = VCC/2)
T = 25 °C
+/-130
CMR
Common mode rejection ratio, 20 log (ΔVicm/
ΔVio), Vic = 0 V to VCC, Vout = VCC/2,
RL > 1 MΩ
T = 25 °C
105
120
dB
SVR
Supply voltage rejection ratio, 20 log (ΔVCC/
ΔVio), VCC = 1.8 V to 5.5 V, Vout = VCC/2,
RL > 1 MΩ
T = 25 °C
105
120
Avd
Large signal voltage gain, Vout = 0.5 V to
(VCC - 0.5 V)
T = 25 °C
110
134
VOH / VOL
High / low level output voltage
-40 °C < T < 125 °C
70
mV
Isc
Short-circuit current (Vout = +/- VCC)
T = 25 °C
+/-5
mA
ICC
Supply current (per amplifier, Vout = VCC/2,
RL > 1 MΩ)
-40 °C < T < 125 °C
40
μA
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
375
kHz
ɸm
Phase margin
55
Degrees
SR
Slew rate (2)
0.17
V/μs
en
Equivalent input noise density
f = 1 kHz
60
nV/√Hz
∫en
Low-frequency peak-to-peak input noise
Bandwidth, f = 0.1 to 10 Hz
1.1
µVpp
1. Input offset measurements are performed on x100 gain configuration. The amplifiers and the gain setting resistors are at the same
temperature.
2. Slew rate value is calculated as the average between positive and negative slew rates.
TSL6901, TSL6902, TSL6904
Electrical characteristics
DS14778 - Rev 1
page 5/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com