Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL6902 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSL6902
Description  Very high accuracy (12 μV) zero drift micropower 5 V cost-effective operational amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL6902 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSL6902 Datasheet HTML 12Page - STMicroelectronics TSL6902 Datasheet HTML 13Page - STMicroelectronics TSL6902 Datasheet HTML 14Page - STMicroelectronics TSL6902 Datasheet HTML 15Page - STMicroelectronics TSL6902 Datasheet HTML 16Page - STMicroelectronics TSL6902 Datasheet HTML 17Page - STMicroelectronics TSL6902 Datasheet HTML 18Page - STMicroelectronics TSL6902 Datasheet HTML 19Page - STMicroelectronics TSL6902 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
5
Ordering information
Table 14. Order codes
Order code
Temperature range
Package
Packaging
Marking
TSL6901ICT
-40 to 125 °C
SC70-5
Tape and reel
K61
TSL6901ILT
SΟΤ23-5
K553
TSL6902IQ2T
DFN82x2
K63
TSL6902IST
MiniSO8
K554
TSL6902IDT
SO8
TSL6902I
TSL6904IQ4T
QFN163x3
K555
TSL6904IPT
TSSOP14
TSL6904I
TSL6901IYCT (1)
-40 to 125 °C automotive grade
SC70-5
K62
TSL6901IYLT (1)
SΟΤ23-5
K556
TSL6902IYDT (1)
SO8
K557
TSL6902IYST (1)
MiniSO8
K558
TSL6904IYPT (1)
TSSOP14
TSL6904IY
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 &
Q002 or equivalent. For qualification status details, check "Maturity status link" on the first page ("Quality & Reliability" tab
on www.st.com).
TSL6901, TSL6902, TSL6904
Ordering information
DS14778 - Rev 1
page 16/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com