Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL6902 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSL6902
Description  Very high accuracy (12 μV) zero drift micropower 5 V cost-effective operational amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL6902 Datasheet(HTML) 3 Page - STMicroelectronics

  TSL6902 Datasheet HTML 1Page - STMicroelectronics TSL6902 Datasheet HTML 2Page - STMicroelectronics TSL6902 Datasheet HTML 3Page - STMicroelectronics TSL6902 Datasheet HTML 4Page - STMicroelectronics TSL6902 Datasheet HTML 5Page - STMicroelectronics TSL6902 Datasheet HTML 6Page - STMicroelectronics TSL6902 Datasheet HTML 7Page - STMicroelectronics TSL6902 Datasheet HTML 8Page - STMicroelectronics TSL6902 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Table 1. Pin description for SC70 and SOT23-5
Pin n. SC70
Pin n. SOT23-5
Pin name
Description
1
3
IN+
Non-inverting input channel
2
2
VCC-
Negative supply voltage
3
4
IN-
Inverting input channel
4
1
OUT
Output channel
5
5
VCC+
Positive supply voltage
Table 2. Pin description for DFN8, MiniSO8, and SO8
Pin n. DFN8, MiniSO8, and
SO8
Pin name
Description
1
OUT1
Output channel
2
IN1-
Inverting input channel
3
IN1+
Non-inverting input channel
4
VCC-
Negative supply voltage
5
IN2+
Non-inverting input channel
6
IN2-
Inverting input channel
7
OUT2
Output channel
8
VCC+
Positive supply voltage
Table 3. Pin description for TSSOP14 and QFN16
Pin n. TSSOP14
Pin n. QFN16
Pin name
Description
1
15
OUT1
Output channel
2
16
IN1-
Inverting input channel
3
1
IN1+
Non-inverting input channel
4
2
VCC+
Positive supply voltage
5
4
IN2+
Non-inverting input channel
6
5
IN2-
Inverting input channel
7
6
OUT2
Output channel
8
7
OUT3
Output channel
9
8
IN3-
Inverting input channel
10
9
IN3+
Non-inverting input channel
11
11
VCC-
Negative supply voltage
12
12
IN4+
Non-inverting input channel
13
13
IN4-
Inverting input channel
14
14
OUT4
Output channel
-
3
NC
-
-
10
NC
-
TSL6901, TSL6902, TSL6904
Pin connections
DS14778 - Rev 1
page 3/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com