Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL6902 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSL6902
Description  Very high accuracy (12 μV) zero drift micropower 5 V cost-effective operational amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL6902 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSL6902 Datasheet HTML 13Page - STMicroelectronics TSL6902 Datasheet HTML 14Page - STMicroelectronics TSL6902 Datasheet HTML 15Page - STMicroelectronics TSL6902 Datasheet HTML 16Page - STMicroelectronics TSL6902 Datasheet HTML 17Page - STMicroelectronics TSL6902 Datasheet HTML 18Page - STMicroelectronics TSL6902 Datasheet HTML 19Page - STMicroelectronics TSL6902 Datasheet HTML 20Page - STMicroelectronics TSL6902 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
List of tables
Table 1.
Pin description for SC70 and SOT23-5 ..................................................... 3
Table 2.
Pin description for DFN8, MiniSO8, and SO8................................................. 3
Table 3.
Pin description for TSSOP14 and QFN16 ................................................... 3
Table 4.
Absolute maximum ratings (AMR) ........................................................ 4
Table 5.
Operating conditions ................................................................. 4
Table 6.
Electrical characteristics at VCC = 2 V to 5 V, VICM = VOUT = VCC / 2, T = 25 °C and OUT connected to VCC / 2
through RL = 10 kΩ (unless otherwise specified).
Production screening at VCC = 5 V, operation on the full supply range ensured by design and characterization. ... 5
Table 7.
SC70-5 (or SOT323-5) package mechanical data ............................................. 7
Table 8.
SOT23-5 mechanical data.............................................................. 8
Table 9.
DFN8 2 x 2 mechanical data ............................................................ 9
Table 10.
MiniSO8 mechanical data ............................................................. 11
Table 11.
SO8 package mechanical data ......................................................... 12
Table 12.
QFN16 3x3 mechanical data ........................................................... 14
Table 13.
TSSOP-14 mechanical data ........................................................... 15
Table 14.
Order codes ...................................................................... 16
Table 15.
Document revision history ............................................................. 17
TSL6901, TSL6902, TSL6904
List of tables
DS14778 - Rev 1
page 19/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com