Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTOG032DC1 Datasheet(PDF) 53 Page - Eaton All Rights Reserved.

Part # XTOG032DC1
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XTOG032DC1 Datasheet(HTML) 53 Page - Eaton All Rights Reserved.

Back Button XTOG032DC1 Datasheet HTML 49Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 50Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 51Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 52Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 53Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 54Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 55Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 56Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 57Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
Type 3R Kit with Remote Display Mounted Inside
Motor Insight offers several
accessories for the
customer’s ease of use
and safety:
Types 1 and 12 remote
display
Type 3R remote display kit
Mounting plate adapter
Features and Benefits
Remote display unit:
Same user interface as
the overload relay
Enhanced operator
safety—operator can
configure the overload
without opening the
enclosure door
Type 3R kit mounts with
standard 30 mm holes
Mounting plate for retrofit
in existing installations
Type 3R Kit with Remote Display Mounted Inside
Communication Cables
The Remote Display requires
a communication cable to
connect to the Motor Insight
overload relay:
Communication Cable
Lengths
Current Transformer Kits
Description
Catalog
Number
Remote display Types 1 and 12 (UL 508)
C4411
Type 3R kit for remote display (UL 508)
C4413
Conversion plate (not shown)
C441CMP1
C4411
C4413
Length in
Inches (meters)
Catalog
Number
9.8 (0.25)
D77E-QPIP25
39.4 (1.0)
D77E-QPIP100
78.7 (2.0)
D77E-QPIP200
118.1 (3.0)
D77E-QPIP300
Description
Catalog
Number
Three 150:5 CTs to be used with Motor Insight
C441CTKIT150
Three 300:5 CTs to be used with Motor Insight
C441CTKIT300
Three 600:5 CTs to be used with Motor Insight
C441CTKIT600
C441 Overload and monitoring relay
Accessories
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
54
1
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com