Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTOG032DC1 Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # XTOG032DC1
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XTOG032DC1 Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  XTOG032DC1 Datasheet HTML 1Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 2Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 3Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 4Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 5Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 6Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 7Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 8Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
5
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
1.1
1
Thermal overload relays XTOD/XTOG
Technical data
Main contacts
Auxiliary and control circuits
Ambient temperature
Temperature compensation
Weight
Protection type
Rated impulse withstand voltage
Overvoltage category/pollution degree
Rated insulation voltage
Rated operational voltage
Overload release setting range
Terminal capacity
Terminal screw
Tightening torque
Rated impulse withstand voltage
Overvoltage category/pollution degree
Terminal capacity
Terminal screw
Tightening torque
Rated insulation voltage
Rated operational voltage
Conventional thermal current
Rated operational current
AC
General
Standards
Climatic Proofing
Damp heat, constant, to IEC60068-2-78
Damp heat, cyclic, to IEC60068-2-30
Open
Enclosed
Solid
Flexible with ferrule
Solid/stranded
Solid
Flexible with ferrule
Solid/stranded
XTOD/XTOG
XTOD/XTOG
XTOD/XTOG
AC-15
DC-13
120V
220/240V
380V
480V
500V
600V
125V
250V
IEC/EN 60947, GB 14048
Uimp
Ui
Ue
Uimp
Ui
Ue
Ie
Ie
Ie
Ie
Ie
Ie
Ie
Ie
Ith
VAC
VAC
A
A
A
A
A
A
A
VAC
VAC
VAC
A
A
A
V
mm2
mm2
Nm
AWG
kg
mm2
mm2
Nm
AWG
°C
°C
°C
690
690
6
3
1.9
1.5
1.4
1.2
10
690
6000
III/3
690
0.1-97
0.55
0.27
6000
III/3
1 x (1-6)
2 x (1-6)
1 x (1-6)
2 x (1-6)
0.8
M3.5
0.15
IP20
1 x (1-6)
2 x (1-6)
1 x (1-6)
2 x (1-6)
1.2
M4
-5~40
-25~40
-25~55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com