Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTOG032DC1 Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # XTOG032DC1
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XTOG032DC1 Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  XTOG032DC1 Datasheet HTML 1Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 2Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 3Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 4Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 5Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 6Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 7Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 8Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
4
1
1
1.1
Thermal overload relays XTOD/XTOG
Product selection
Thermal overload relays
Part no.
Article no.
Standard
package
XTOG...
Auxiliary
contact
N/O =Normally open
N/C =Normally closed
Circuit
symbol
Setting range
of overload
releases Ir (A)
1 piece
1 piece
1 piece
1 piece
1 piece
1 piece
1 piece
1 piece
1 piece
For use with
Direct mounting
1 N/O
1 N/C
Direct mounting
1 N/O
1 N/C
Direct mounting
Direct mounting
1 N/O
1 N/C
1 N/O
1 N/C
Direct mounting
1 N/O
1 N/C
Direct mounting
1 N/O
1 N/C
Direct mounting
1 N/O
1 N/C
Direct mounting
1 N/O
1 N/C
Direct mounting
1 N/O
1 N/C
17~25
23~32
30~40
37~50
48~65
37~50
48~65
63~80
77~97
XTOG025DC1
XTOG032DC1
XTOG040DC1
XTOG050DC1
XTOG065DC1
XTOG050EC1
XTOG065EC1
XTOG080EC1
XTOG097EC1
173693
173694
173695
173696
173697
173698
173699
173700
173701
XTCG040
XTCG050
XTCG065
XTCG080
XTCG095
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com