Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTOG032DC1 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # XTOG032DC1
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XTOG032DC1 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  XTOG032DC1 Datasheet HTML 1Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 2Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 3Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 4Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 5Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 6Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 7Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 8Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
3
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
1.1
1
Thermal overload relays XTOD/XTOG
Product selection
Thermal overload relays
Part no.
Article no.
Standard
package
XTOD..CC1S
Seperate mounting
1 N/O
1 N/C
1 piece
Seperate mounting
1 N/O
1 N/C
1 piece
Seperate mounting
Seperate mounting
1 N/O
1 N/C
1 piece
1 N/O
1 N/C
1 piece
Seperate mounting
1 N/O
1 N/C
1 piece
Seperate mounting
1 N/O
1 N/C
1 piece
Seperate mounting
1 N/O
1 N/C
1 piece
Auxiliary
contact
N/O =Normally open
N/C =Normally closed
Circuit
symbol
Setting range
of overload
releases Ir (A)
Seperate mounting
1 N/O
1 N/C
1 piece
Seperate mounting
1 N/O
1 N/C
1 piece
Seperate mounting
1 N/O
1 N/C
1 piece
Seperate mounting
1 N/O
1 N/C
1 piece
1 N/O
1 N/C
1 piece
Seperate mounting
Seperate mounting
1 N/O
1 N/C
1 piece
Seperate mounting
1 N/O
1 N/C
1 piece
1 piece
1 piece
1 piece
1 piece
1 piece
1 piece
1 piece
1 piece
1 piece
1 piece
1 piece
1 piece
1 piece
0.3~0.45
0.45 ~0.67
0.67~1.0
1.0 ~1.5
1.4 ~2.1
1.8~2.7
2.4~3.6
3.5~5.0
4.0~6.0
5.5~8.5
8.5~12.5
12.5~18
17~24
22~30
XTODP45CC1S
XTODP67CC1S
XTOD001CC1S
XTOD1P5CC1S
XTOD2P2CC1S
XTOD2P7CC1S
XTOD3P6CC1S
XTOD005CC1S
XTOD006CC1S
XTOD8P5CC1S
XTOD013CC1S
XTOD018CC1S
XTOD024CC1S
XTOD030CC1S
167952
167953
167954
167955
167956
167957
167958
167959
167960
167961
167962
167963
167964
167965
For use with
XTCG007
XTCG009
XTCG012
XTCG018
XTCG025
XTCG032
XTCG038
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
Direct mounting
Direct mounting
Direct mounting
Direct mounting
Direct mounting
Direct mounting
Direct mounting
Direct mounting
Direct mounting
Direct mounting
Direct mounting
Direct mounting
Direct mounting
Direct mounting
1 N/O
1 N/C
1 N/O
1 N/C
1 N/O
1 N/C
1 N/O
1 N/C
1 N/O
1 N/C
1 N/O
1 N/C
1 N/O
1 N/C
1 N/O
1 N/C
1 N/O
1 N/C
1 N/O
1 N/C
1 N/O
1 N/C
1 N/O
1 N/C
1 N/O
1 N/C
0.1~0.16
0.16~0.24
0.24~0.4
0.4~0.6
0.6~1
1~1.6
1.6~2.4
2.4~4
4~6
6~10
9-12
12~16
16~24
24~32
XTOGP16BC1
XTOGP24BC1
XTOGP40BC1
XTOGP60BC1
XTOG001BC1
XTOG1P6BC1
XTOG2P4BC1
XTOG004BC1
XTOG006BC1
XTOG010BC1
XTOG012BC1
XTOG016CC1
XTOG024CC1
XTOG032CC1
173679
173680
173681
173682
173683
173684
173685
173686
173687
173688
173689
173690
173691
173692
XTCG007
XTCG009
XTCG012
XTCG018
XTCG025
XTCG032
XTCG038
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
97 95
98
24
6
96
1 piece
1 N/O
1 N/C
97 95
98
24
6
96
XTOG...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com