Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTOG032DC1 Datasheet(PDF) 33 Page - Eaton All Rights Reserved.

Part # XTOG032DC1
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XTOG032DC1 Datasheet(HTML) 33 Page - Eaton All Rights Reserved.

Back Button XTOG032DC1 Datasheet HTML 29Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 30Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 31Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 32Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 33Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 34Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 35Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 36Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 37Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
Overload relays
Overload relays, CT-operated overload relays
Z5-…/FF225A(250)
ZW7
General
Standards
IEC/EN 60947, VDE 0660, UL, CSA
IEC/EN 60947, VDE 0660, UL, CSA
Climatic proofing
Damp heat, constant, to IEC 60068-2-78
Damp heat, cyclic, to IEC 60068-2-30
Ambient temperature
Open1)
°C
-25…50
-25…50
Enclosed 1)
°C
-25…40
-25…40
Temperature compensation
Continuous
Continuous
Mounting position
Page 30
Any
kg
Weight
1.55
0.8
Mechanical shock resistance half-sinusoidal shock, 10 ms
to IEC 60068-2-27
g10
10
Protection type
IP00
IP00
Protection against direct contact when actuated
from front (EN 50274)
With terminal cover
Finger- and back-of-hand proof
Main contacts
U
Rated impulse withstand voltage
imp
V AC
8000
6000
Overvoltage category/pollution degree
III/3
III/3
Rated insulation voltage
U
AC
i
V AC
1000
690
U
Rated operating voltage
e
V AC
V AC
V AC
1000
690
Safe isolation according to EN 61140
Between auxiliary contacts and main contacts
440
440
Between the main contacts
440
440
A
Overload relay setting range
50…300
42…630
%/K
Temperature compensation residual error > 40 ºC
≦ 0.25
–
Short-circuit protection rating maximum fuse
Page 19
With overload relay in conjunction
with a transformer as required for the
contactor
Current heat loss (3 conductors)
W
Lower value of setting range
16
3
W
Upper value of setting range
28
10
Terminal capacity
mm²
Flexible with ferrule
95
–
mm²
Stranded with ferrule
120
–
AWG
Solid or stranded
250 MCM
–
Flat conductor.
Number of segments × width × thickness
mm
6 × 16 × 0.82)
–
mm
Width
Busbar
20 × 3
–
Push-through opening
mm
–
27
Terminal screw
M8 × 25
–
Nm
Tightening torque
24
–
Tools
mm
SW
Hexagonal socket
13
–
Notes
1) Ambient temperature: Operating range to IEC/EN 60947, PTB: -5°C to +50°C
2) Fixing with box terminals
Z5, ZW7
33
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
1.2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com