Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTOG032DC1 Datasheet(PDF) 59 Page - Eaton All Rights Reserved.

Part # XTOG032DC1
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XTOG032DC1 Datasheet(HTML) 59 Page - Eaton All Rights Reserved.

Back Button XTOG032DC1 Datasheet HTML 55Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 56Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 57Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 58Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 59Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 60Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 61Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 62Page - Eaton All Rights Reserved. XTOG032DC1 Datasheet HTML 63Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
Modbus Communication Modules
Note
① Relates to C441M only.
n
o
i
t
a
c
i
f
i
c
e
p
S
n
o
i
t
p
i
r
c
s
e
D
Electrical/EMC
Radiated emissions
IEC 60947-4-1—Table 15, EN 55011 (CISPIR 11) Group 1, Class A
30–1000 mHz
Conducted emissions
IEC 60947-4-1—Table 14, EN 55011 (CISPIR 11) Group 1, Class A
0.15–30 mHz
ESD immunity
IEC 60947-4-1 (Table 13) IEC 61000-4-2
±8 kV air, ±4 kV contact
Radiated immunity
IEC 60947-4-1
10 V/m 80–1000 mHz
80% amplitude modulated 1 kHz sine wave
Conducted immunity
IEC 60947-4-1
140 dBuV (10V rms)
150 kHz–80 mHz
Fast transient immunity
IEC 60947-4-1 (Table 13) IEC 61000-4-4
±2 kV using direct method
Surge immunity
IEC 60947-4-1 (Table 13)
IEC 61000-4-5 Class 3
User IO and communication lines① :
±1 kV line-to-line (DM)
±2 kV line-to-ground (CM)
Electromagnetic field 1
IEC 60947-4-1 (Table 13) IEC 61000-4-3
10 V/m
Environmental Ratings
C
°
0
5
o
t
°
0
2
–
)
g
n
i
t
a
r
e
p
o
(
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
A
C
°
5
8
o
t
°
0
4
–
)
e
g
a
r
o
t
s
(
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
A
g
n
i
s
n
e
d
n
o
c
n
o
n
%
5
9
o
t
5
y
t
i
d
i
m
u
h
g
n
i
t
a
r
e
p
O
m
0
0
0
2
)
g
n
i
t
a
r
e
d
o
n
(
e
d
u
t
i
t
l
A
n
o
i
t
c
e
r
i
d
y
n
a
G
5
1
)
7
2
-
2
-
8
6
0
0
6
C
E
I(
k
c
o
h
S
n
o
i
t
c
e
r
i
d
y
n
a
G
3
)
6
-
2
-
8
6
0
0
6
C
E
I(
n
o
i
t
a
r
b
i
V
3
1
-
7
4
9
0
6
C
E
I
r
e
p
e
e
r
g
e
d
n
o
i
t
u
ll
o
P
0
2
P
I
n
o
i
t
c
e
t
o
r
p
f
o
e
e
r
g
e
D
II
I
8
0
5
L
U
r
e
p
y
r
o
g
e
t
a
c
e
g
a
t
l
o
v
r
e
v
O
C441P 24 Vdc Input
c
d
V
4
2
e
g
a
t
l
o
v
t
u
p
n
i
l
a
n
i
m
o
N
c
d
V
0
3
–
8
1
e
g
a
t
l
o
v
g
n
i
t
a
r
e
p
O
4
s
t
u
p
n
i
f
o
r
e
b
m
u
N
)
c
e
s
5
6
o
t
e
l
b
a
m
m
a
r
g
o
r
p
(
s
m
5
y
a
l
e
d
l
a
n
g
i
S
c
d
V
6
<
e
g
a
t
l
o
v
e
t
a
t
s
-
F
F
O
c
d
V
8
1
>
e
g
a
t
l
o
v
e
t
a
t
s
-
N
O
A
m
5
t
n
e
r
r
u
c
t
u
p
n
i
l
a
n
i
m
o
N
V
0
0
5
1
n
o
i
t
a
l
o
s
I
b
l
-
n
i
9
–
7
e
u
q
r
o
t
w
e
r
c
s
l
a
n
i
m
r
e
T
A
m
0
5
t
n
e
r
r
u
c
e
c
r
u
o
s
c
d
V
4
2
Operating Voltage Range—DC Input Modules
e
t
a
t
S
N
O
n
o
i
g
e
R
n
o
i
t
i
s
n
a
r
T
e
t
a
t
S
F
F
O
c
d
V
0
3
–
8
1
c
d
V
8
1
–
6
c
d
V
6
–
0
C441N 120 Vac Input
c
a
V
0
2
1
e
g
a
t
l
o
v
t
u
p
n
i
l
a
n
i
m
o
N
c
a
V
0
4
1
–
0
8
e
g
a
t
l
o
v
g
n
i
t
a
r
e
p
O
4
s
t
u
p
n
i
f
o
r
e
b
m
u
N
c
a
V
0
3
<
e
g
a
t
l
o
v
e
t
a
t
s
-
F
F
O
c
a
V
0
8
>
e
g
a
t
l
o
v
e
t
a
t
s
-
N
O
A
m
5
1
t
n
e
r
r
u
c
t
u
p
n
i
l
a
n
i
m
o
N
e
l
c
y
c
2
/
1
y
a
l
e
d
l
a
n
g
i
S
V
0
0
5
1
n
o
i
t
a
l
o
s
I
b
l
-
n
i
9
–
7
e
u
q
r
o
t
w
e
r
c
s
l
a
n
i
m
r
e
T
C441 Overload and monitoring relay
Technical data and specifications
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
60
1
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com