Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1313-AO2EMFTR Datasheet(PDF) 9 Page - Microchip Technology

Part # TC1313-AO2EMFTR
Description  500 mA Synchronous Buck Regulator, 300 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1313-AO2EMFTR Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC1313-AO2EMFTR Datasheet HTML 5Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 6Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 7Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 8Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 9Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 10Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 11Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 12Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21974A-page 9
TC1313
Note: Unless otherwise indicated, VIN1 = VIN2 = SHDN1,2 = 3.6V, COUT1 =CIN = 4.7 µF, COUT2 =1 µF, L =4.7 µH,
VOUT1 (ADJ) = 1.8V, TA =+25°C. Boldface specifications apply over the TA range of -40°C to +85°C. TA = +25°C. Adjustable or fixed-
output voltage options can be used to generate the Typical Performance Characteristics.
FIGURE 2-13:
VOUT1 Switching Frequency
vs. Input Voltage.
FIGURE 2-14:
VOUT1 Switching Frequency
vs. Ambient Temperature.
FIGURE 2-15:
VOUT1 Adjustable Feedback
Voltage vs. Ambient Temperature.
FIGURE 2-16:
VOUT1 Switch Resistance
vs. Input Voltage.
FIGURE 2-17:
VOUT1 Switch Resistance
vs. Ambient Temperature.
FIGURE 2-18:
VOUT1 Dropout Voltage vs.
Ambient Temperature.
1.90
1.95
2.00
2.05
2.10
2.15
2.20
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
SHDN1 = VIN2
SHDN2 = AGND
1.90
1.92
1.94
1.96
1.98
2.00
Ambient Temperature (°C)
SHDN1 = VIN2
SHDN2 = AGND
0.790
0.795
0.800
0.805
0.810
0.815
0.820
Ambient Temperature (°C)
SHDN1 = VIN2
SHDN2 = AGND
VIN1 = 3.6V
0.40
0.45
0.50
0.55
0.60
0.65
3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
Input Voltage (V)
SHDN1 = VIN2
SHDN2 = AGND
VIN1 = 3.6V
N-Channel
P-Channel
0.40
0.45
0.50
0.55
0.60
0.65
0.70
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
VIN1 = 3.6V
N-Channel
P-Channel
SHDN1 = VIN2
SHDN2 = AGND
0.1
0.15
0.2
0.25
0.3
0.35
0.4
Ambient Temperature (°C)
SHDN1 = VIN2
SHDN2 = AGND
VOUT1 = 3.3V
IOUT1 = 500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com