Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1313-AO2EMFTR Datasheet(PDF) 22 Page - Microchip Technology

Part # TC1313-AO2EMFTR
Description  500 mA Synchronous Buck Regulator, 300 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1313-AO2EMFTR Datasheet(HTML) 22 Page - Microchip Technology

Back Button TC1313-AO2EMFTR Datasheet HTML 18Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 19Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 20Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 21Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 22Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 23Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 24Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 25Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
TC1313
DS21974A-page 22
© 2005 Microchip Technology Inc.
10-Lead Plastic Micro Small Outline Package (UN) (MSOP*)
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not
.037 REF
F
Footprint
exceed .010" (0.254mm) per side.
Notes:
Drawing No. C04-021
*Controlling Parameter
Mold Draft Angle Top
Mold Draft Angle Bottom
Foot Angle
Lead Width
Lead Thickness
β
α
c
B
φ
.003
.006
-
.009
Dimension Limits
Overall Height
Molded Package Thickness
Molded Package Width
Overall Length
Foot Length
Standoff
Overall Width
Number of Pins
Pitch
A
L
E1
D
A1
E
A2
.016
.024
.118 BSC
.118 BSC
.000
.030
.193 BSC
.033
MIN
p
n
Units
.020 TYP
NOM
10
INCHES
0.95 REF
-
0.23
.009
.012
0.08
0.15
-
-
0.23
0.30
MILLIMETERS*
0.50 TYP.
0.85
3.00 BSC
3.00 BSC
0.60
4.90 BSC
.043
.031
.037
.006
0.40
0.00
0.75
MIN
MAX
NOM
1.10
0.80
0.15
0.95
MAX
10
15°
15°
-
--
-
-
-
15°
15°
JEDEC Equivalent: MO-187
E
L
D
β
(F)
B
p
E1
n
φ
α
A2
1
2
c
A1
A
L1
-
-
--
* The MSOP package for the TC1313 has not been qualified at the time of this publication.
Contact your Microchip sales office for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com