Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1313-AO2EMFTR Datasheet(PDF) 25 Page - Microchip Technology

Part # TC1313-AO2EMFTR
Description  500 mA Synchronous Buck Regulator, 300 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1313-AO2EMFTR Datasheet(HTML) 25 Page - Microchip Technology

Back Button TC1313-AO2EMFTR Datasheet HTML 20Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 21Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 22Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 23Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 24Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 25Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 26Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 27Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21974A-page 25
TC1313
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC1313:
PWM/LDO combo.
Options
Code
VOUT1
Code
VOUT2
Code
+50 mV
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
Q
R
S
T
U
V
W
X
Y
Z
1
3.3V
3.2V
3.1V
3.0V
2.9V
2.8V
2.7V
2.6V
2.5V
2.4V
2.3V
2.2V
2.1V
2.0V
1.9V
1.8V
1.7V
1.6V
1.5V
1.4V
1.3V
1.2V
1.1V
1.0V
0.9V
Adjustable
1.375V
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
Q
R
S
T
U
V
W
X
Y
Z
1
3.3V
3.2V
3.1V
3.0V
2.9V
2.8V
2.7V
2.6V
2.5V
2.4V
2.3V
2.2V
2.1V
2.0V
1.9V
1.8V
1.7V
1.6V
1.5V
0
1
2
3
Default
V1 + 50 mV
V2 + 50 mV
V1 and V2
+ 50 mV
* Contact Factory for Alternate Output Voltage and Reset
Voltage Configurations.
Temperature
Range:
E
=
-40°C to +85°C
Package:
MF
= Dual Flat, No Lead (3x3 mm body), 10-lead
UN *
= Plastic Micro Small Outline (MSOP), 10-lead
* The MSOP package for this device has not been
qualified at the time of this publication. Contact your
Microchip sales office for availability.
Tube or
Tape and Reel:
Blank
= Tube
TR
= Tape and Reel
Examples:
a)
TC1313-1H0EMF:
1.375V, 2.6V, Default,
10LD DFN pkg.
b)
TC1313-1H0EUN:
1.375V, 2.6V, Default,
10LD MSOP pkg.
c)
TC1313-1P0EMF:
1.375V, 1.8V, Default,
10LD DFN pkg.
d)
TC1313-1P0EUN:
1.375V, 1.8V, Default,
10LD MSOP pkg.
e)
TC1313-DG0EMF:
3.0V, 2.7V, Default,
10LD DFN pkg.
f)
TC1313-RD1EMF:
1.65V, 3.0V,
10LD DFN pkg.
g)
TC1313-ZS0EUN:
Adj., 1.5V, Default,
10LD MSOP pkg.
h)
TC1313-1H0EMFTR: 1.375V, 2.6V, Default,
10LD DFN pkg
Tape and Reel.
i)
TC1313-1H0EUNTR: 1.375V, 2.6V, Default,
10LD MSOP pkg
Tape and Reel.
j)
TC1313-1P0EMFTR: 1.375V, 1.8V, Default,
10LD DFN pkg
Tape and Reel.
k)
TC1313-1P0EUNTR: 1.375V, 1.8V, Default,
10LD MSOP pkg
Tape and Reel.
l)
TC1313-DG0EMFTR: 3.0V, 2.7V, Default,
10LD DFN pkg
Tape and Reel.
m)
TC1313-RD1EMFTR: 1.65V, 3.0V,
10LD DFN pkg
Tape and Reel.
n)
TC1313-ZS0EUNTR: Adj., 1.5V, Default,
10LD MSOP pkg
Tape and Reel.
PART NO.
X
VOUT1
TC1313
X
VOUT2
X
+50 mV
Increments
X
Temp
Range
XX
Package
XX
Tube
or
Tape &
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com