Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1313-AO2EMFTR Datasheet(PDF) 21 Page - Microchip Technology

Part # TC1313-AO2EMFTR
Description  500 mA Synchronous Buck Regulator, 300 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1313-AO2EMFTR Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC1313-AO2EMFTR Datasheet HTML 17Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 18Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 19Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 20Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 21Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 22Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 23Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 24Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21974A-page 21
TC1313
10-Lead Plastic Dual Flat No Lead Package (MF) 3x3x0.9 mm Body (DFN) – Saw Singulated
E2
D
A1
A
A3
TOP VIEW
EXPOSED
METAL
PAD
BOTTOM VIEW
21
ID INDEX
PIN 1
E
L
D2
p
b
n
AREA
(NOTE 2)
TIE BAR
(NOTE 1)
EXPOSED
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package may have one or more exposed tie bars at ends.
Overall Length
Lead Thickness
Overall Width
Exposed Pad Length
Exposed Pad Width
Lead Width
Lead Length
D
b
L
D2
E2
A3
E
Overall Height
Number of Pins
Pitch
Standoff
n
A
A1
e
Dimension Limits
Units
1.65
2.39
3.00
3.00
0.90
MILLIMETERS*
0.50 BSC
0.20 REF.
0.02
0.25
0.40
.118
.112
.008
.012
.051
.010
.016
.065
.008 REF.
.082
.112
.094
.118
.124
2.85
1.30
0.18
0.30
.015
.020
.067
2.85
2.08
.096
.124
MAX
10
.020 BSC
.031
.000
.035
.001
NOM
INCHES
MIN
0.00
0.80
.039
.002
MIN
NOM
3.15
1.70
0.30
0.50
3.15
2.45
10
1.00
0.05
MAX
2. REF: Reference Dimension, usually without tolerance, for information purposes only.
1. BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Exposed pad varies according to die attach paddle size.
Drawing No. C04-063, Revised 05-05-05
*Controlling Parameter
See ASME Y14.5M
See ASME Y14.5M
JEDEC equivalent: Not Registered
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com