Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1313-AO2EMFTR Datasheet(PDF) 24 Page - Microchip Technology

Part # TC1313-AO2EMFTR
Description  500 mA Synchronous Buck Regulator, 300 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1313-AO2EMFTR Datasheet(HTML) 24 Page - Microchip Technology

Back Button TC1313-AO2EMFTR Datasheet HTML 20Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 21Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 22Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 23Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 24Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 25Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 26Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 27Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
TC1313
DS21974A-page 24
© 2005 Microchip Technology Inc.
NOTES:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com