Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1313-AO2EMFTR Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1313-AO2EMFTR
Description  500 mA Synchronous Buck Regulator, 300 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1313-AO2EMFTR Datasheet(HTML) 3 Page - Microchip Technology

  TC1313-AO2EMFTR Datasheet HTML 1Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 2Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 3Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 4Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 5Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 6Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 7Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 8Page - Microchip Technology TC1313-AO2EMFTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21974A-page 3
TC1313
Typical Application Circuits
10-Lead DFN
1
2
6
8
7
9
10
5
4
3
SHDN2
VIN2
VOUT2
AGND
PGND
LX
VIN1
SHDN1
VOUT1
NC
4.7 µF
Input
Voltage
4.7 µH
4.7 µF
2.1V @
1µF
3.3V @
4.5V to 5.5V
Adjustable-Output Application
121 k
Ω
200 k
Ω 4.99 kΩ
33 pF
1
2
6
8
7
9
10
5
4
3
SHDN2
VIN2
VOUT2
AGND
PGND
LX
VIN1
SHDN1
VOUT1
NC
4.7 µF
4.7 µH
4.7 µF
1.5V @ 500 mA
1µF
2.5V @ 300 mA
2.7V to 4.2V
TC1313
VOUT1
VOUT2
VIN
VOUT1
VOUT2
1.0 µF
*Optional
Capacitor
VIN2
300 mA
500 mA
Note: Connect DFN package exposed pad to AGND.
10-Lead MSOP
Fixed-Output Application
TC1313
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com