Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB952 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSB952
Description  High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB952 Datasheet(HTML) 1 Page - STMicroelectronics

  TSB952 Datasheet HTML 1Page - STMicroelectronics TSB952 Datasheet HTML 2Page - STMicroelectronics TSB952 Datasheet HTML 3Page - STMicroelectronics TSB952 Datasheet HTML 4Page - STMicroelectronics TSB952 Datasheet HTML 5Page - STMicroelectronics TSB952 Datasheet HTML 6Page - STMicroelectronics TSB952 Datasheet HTML 7Page - STMicroelectronics TSB952 Datasheet HTML 8Page - STMicroelectronics TSB952 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Features
•
Low offset voltage: 3 mV max @ 25 °C
•
Low current consumption: 3.3 mA max / op @ 36 V
•
Wide supply voltage: 4.5 to 36 V
•
Gain bandwidth product: 52 MHz typ. @ 36 V
•
Unity gain stable
•
Rail-to-rail output
•
Output current: 40 mA typ. @ 36 V
•
Input common-mode voltage includes ground
•
High ESD tolerance: 4 kV HBM
•
EMI hardened
•
Extended temperature range: -40 to +125 °C
•
Automotive qualification
•
Micropackage: SO8, DFN8 3x3 wettable flanks
Applications
•
Industrial
•
Power supplies
•
Automotive
Description
The TSB952 is a high-speed dual operational amplifier featuring an extended supply
voltage operating range and rail-to-rail output. It also has an excellent speed/current
consumption ratio because it is a 52 MHz gain bandwidth product, consuming less
than 3.3 mA per channel at 36 V supply voltage.
The TSB952 operates over a wide temperature range from -40 °C to +125 °C,
making this device ideal for industrial and automotive applications with the
associated qualification.
Thanks to its small package size, the TSB952 can be used in applications where
space on the board is limited. It can thus reduce the overall cost of the PCB.
Maturity status link
TSB952
Related products
TSB612
For lower current consumption
TSB622
For lower speed
TSB512
For rail-to-rail inputs
TSB712
For precision and rail-to-rail
inputs
TSB182
For very high accuracy
High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
TSB952
Datasheet
DS14576 - Rev 1 - February 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSB952

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB952 STMICROELECTRONICS-TSB952 Datasheet
7Mb / 38P
High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
11-Nov-2024
TSB952IDT STMICROELECTRONICS-TSB952IDT Datasheet
7Mb / 38P
High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
11-Nov-2024
TSB952IQ2T STMICROELECTRONICS-TSB952IQ2T Datasheet
7Mb / 38P
High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
11-Nov-2024
TSB952IYDT STMICROELECTRONICS-TSB952IYDT Datasheet
7Mb / 38P
High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
11-Nov-2024
TSB952IYQ2T STMICROELECTRONICS-TSB952IYQ2T Datasheet
7Mb / 38P
High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
11-Nov-2024
More results

Similar Description - TSB952

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8675 AD-AD8675 Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
logo
Micrel Semiconductor
MIC7300 MICREL-MIC7300_05 Datasheet
68Kb / 12P
High-Output Drive Rail-to-Rail Op Amp
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Analog Devices
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
AD8675 AD-AD8675_16 Datasheet
378Kb / 13P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
Rev. E
logo
STMicroelectronics
TSB711 STMICROELECTRONICS-TSB711 Datasheet
3Mb / 36P
Precision rail-to-rail input / output 36 V, 6 MHz op-amps
Rev 6 - October 2020
logo
Microchip Technology
MIC7300 MICROCHIP-MIC7300 Datasheet
678Kb / 22P
High-Output Drive Rail-to-Rail Op Amp
05/14/19
logo
STMicroelectronics
TSB7191 STMICROELECTRONICS-TSB7191 Datasheet
9Mb / 34P
Precision rail-to-rail input / output 36 V, 22 MHz op-amps
15-Oct-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com