Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB952 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSB952
Description  High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB952 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSB952 Datasheet HTML 15Page - STMicroelectronics TSB952 Datasheet HTML 16Page - STMicroelectronics TSB952 Datasheet HTML 17Page - STMicroelectronics TSB952 Datasheet HTML 18Page - STMicroelectronics TSB952 Datasheet HTML 19Page - STMicroelectronics TSB952 Datasheet HTML 20Page - STMicroelectronics TSB952 Datasheet HTML 21Page - STMicroelectronics TSB952 Datasheet HTML 22Page - STMicroelectronics TSB952 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
5.4
Unused channel
When one of the two channels of the TSB952 is not used, it must be properly connected in order to avoid internal
oscillations that can negatively impact the signal integrity on the other channel, as well as the current
consumption. As the TSB952 is unity gain stable, the simplest solution is to set the unused channel in follower
and fix the positive input to any bias within the recommended operating range. A gain configuration can also be
used.
5.5
EMI rejection
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many op amps is a change in the offset voltage as a result of RF
signal rectification. EMIRR is defined in Eq. (2):
EMIRR=20.log Vin_ppΔVio
(2)
The TSB952 has been specially designed to minimize susceptibility to the EMIRR and shows a low sensitivity. As
visible in Figure 44, the EMI rejection ratio has been measured on both the inputs and the output, from 400 MHz
to 2.4 GHz.
Figure 44. EMIRR on In+ and In- pins
EMIRR performance might be improved by adding small capacitances (in the pF range) on the inputs, power
supply, and output pins. These capacitances help minimize the impedance of these nodes at high frequencies.
TSB952
Application information
DS14576 - Rev 1
page 19/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com