Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB952 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSB952
Description  High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB952 Datasheet(HTML) 3 Page - STMicroelectronics

  TSB952 Datasheet HTML 1Page - STMicroelectronics TSB952 Datasheet HTML 2Page - STMicroelectronics TSB952 Datasheet HTML 3Page - STMicroelectronics TSB952 Datasheet HTML 4Page - STMicroelectronics TSB952 Datasheet HTML 5Page - STMicroelectronics TSB952 Datasheet HTML 6Page - STMicroelectronics TSB952 Datasheet HTML 7Page - STMicroelectronics TSB952 Datasheet HTML 8Page - STMicroelectronics TSB952 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
2
Absolute maximum ratings and operating conditions
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
40
V
VID
Differential input voltage (2)
±1.4
V
VIN
Input voltage
(VCC-) -0.2 to (VCC+) +0.2
V
IIN
Input current (3)
10
mA
TSTG
Storage temperature
-65 to +150
°C
TJ
Junction temperature
150
°C
RTH-JA
Thermal resistance junction to ambient (4) (5)
SO8
DFN8 3x3 WF
125
40
°C/W
ESD
Human Body Model (HBM) (6)
4000
V
Machine Model (MM) (7)
200
Charged Device Model (CDM) (8)
1500
1. All voltage values, except differential voltage, are with respect to the network ground terminal.
2. The differential voltage is the non-inverting input terminal with respect to the inverting input terminal.
3. Input current must be limited by a resistor in series with the inputs.
4. RTH are typical values.
5. Short circuits can cause excessive heating and destructive dissipation.
6. According to JEDEC standard JESD22-A114F.
7. According to JEDEC standard JESD22-A115A.
8. According to ANSI/ESD STM5.3.1.
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5 to 36
V
VICM
Common-mode input voltage range
(VCC-) to (VCC+) -1.5
V
T
Operating free-air temperature range
-40 to +125
°C
TSB952
Absolute maximum ratings and operating conditions
DS14576 - Rev 1
page 3/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com