Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB952 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TSB952
Description  High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB952 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TSB952 Datasheet HTML 28Page - STMicroelectronics TSB952 Datasheet HTML 29Page - STMicroelectronics TSB952 Datasheet HTML 30Page - STMicroelectronics TSB952 Datasheet HTML 31Page - STMicroelectronics TSB952 Datasheet HTML 32Page - STMicroelectronics TSB952 Datasheet HTML 33Page - STMicroelectronics TSB952 Datasheet HTML 34Page - STMicroelectronics TSB952 Datasheet HTML 35Page - STMicroelectronics TSB952 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Contents
1
Pin configuration ..................................................................2
2
Absolute maximum ratings and operating conditions ..............................3
3
Electrical characteristics...........................................................4
4
Typical performance characteristics ..............................................10
5
Application information ...........................................................18
5.1
Operating voltages ............................................................ 18
5.2
Input pin voltage range ......................................................... 18
5.3
Input offset voltage drift over the temperature ...................................... 18
5.4
Unused channel .............................................................. 19
5.5
EMI rejection ................................................................. 19
5.6
Maximum power dissipation..................................................... 20
5.7
Capacitive load and stability .................................................... 21
5.8
Resistor values for high speed op amp design ..................................... 22
5.9
Settling time .................................................................. 23
5.10
PCB layout recommendations ................................................... 23
5.11
Macromodel .................................................................. 23
6
Typical applications ..............................................................24
6.1
Low-side current sensing ....................................................... 24
7
Package information..............................................................25
7.1
SO8 package information....................................................... 26
7.2
DFN8 3x3 exposed pad, wettable flank package information ......................... 28
8
Ordering information .............................................................30
Revision history .......................................................................31
TSB952
Contents
DS14576 - Rev 1
page 32/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com