Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB952 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSB952
Description  High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB952 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSB952 Datasheet HTML 16Page - STMicroelectronics TSB952 Datasheet HTML 17Page - STMicroelectronics TSB952 Datasheet HTML 18Page - STMicroelectronics TSB952 Datasheet HTML 19Page - STMicroelectronics TSB952 Datasheet HTML 20Page - STMicroelectronics TSB952 Datasheet HTML 21Page - STMicroelectronics TSB952 Datasheet HTML 22Page - STMicroelectronics TSB952 Datasheet HTML 23Page - STMicroelectronics TSB952 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
5.6
Maximum power dissipation
The maximum power supply voltage, as well as the usable output load current drive is limited by the maximum
power dissipation allowed by the device package. The absolute maximum junction temperature for the TSB952 is
150 °C. The junction temperature can be estimated as follows:
TJ=PD×RtℎJA+TA
(3)
TJ is the die junction temperature.
PD is the power dissipated in the package.
RTH-JA is the junction to ambient thermal resistance of the package.
TA is the ambient temperature.
The RTH-JA, given in table x for the available packages, is based on the JEDEC standard JESD51, for 2s2p (4
layers) board. This value largely depends on the board layout and is given as a guideline. Be aware that the
actual value can differ significantly, and optimize the power dissipation on your board if this is critical for your
design. For thermally sensitive designs, favor the DFN8 version of the product that has better thermal dissipation
due to its exposed pad.
The power dissipated in the package PD is the sum of the quiescent power dissipated and the power dissipated
by the output stage transistor. It is calculated as follows:
PD= VCC×ICC + Vcc++VOUT ×ILoadwhentheopampissourcingthecurrent.
PD= VCC×ICC + VOUT+VCC− ×ILoadwhentheopampissinkingthecurrent.
Do not exceed the 150 °C maximum junction temperature for the device. Exceeding the junction temperature limit
can cause degradation in the parametric performance or even destroy the device.
Due to the Rth-ja value, the SO8 package cannot be used at VCC = 36 V and at 125 °C ambient temperature,
because the maximum junction temperature would be reached. The following figure shows the maximum VCC for
a given ambient temperature, considering only the device maximum ICC (output current is negligible).
Figure 45. Maximum VCC for safe operation using SO8 package
Considering the output current limitation, the figures below give the maximum output current for a given output
voltage and temperature, at VCC = 36 V, for SO8 and DFN8 packages.
TSB952
Application information
DS14576 - Rev 1
page 20/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com