Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB952IYQ2T Datasheet (PDF) - STMicroelectronics

TSB952IYQ2T Datasheet PDF - STMicroelectronics
Part # TSB952IYQ2T
Download  TSB952IYQ2T Download
File Size   7912.77 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High bandwidth (52 MHz), rail-to-rail output, 36 V op amp

TSB952IYQ2T Datasheet (PDF)

Go To PDF Page Download Datasheet
TSB952IYQ2T Datasheet PDF - STMicroelectronics

Part # TSB952IYQ2T
Download  TSB952IYQ2T Click to download

File Size   7912.77 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High bandwidth (52 MHz), rail-to-rail output, 36 V op amp

TSB952IYQ2T Datasheet (HTML) - STMicroelectronics


TSB952IYQ2T Product details

Features
• Low offset voltage: 3 mV max @ 25 °C
• Low current consumption: 3.3 mA max / op @ 36 V
• Wide supply voltage: 4.5 to 36 V
• Gain bandwidth product: 52 MHz typ. @ 36 V
• Unity gain stable
• Rail-to-rail output
• Output current: 40 mA typ. @ 36 V
• Input common-mode voltage includes ground
• High ESD tolerance: 4 kV HBM
• EMI hardened
• Extended temperature range: -40 to +125 °C
• Automotive qualification
• Micropackage: SO8, DFN8 3x3 wettable flanks, SOT23-5

Applications
• Industrial
• Power supplies
• Automotive




Similar Part No. - TSB952IYQ2T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB952IYQ2T STMICROELECTRONICS-TSB952IYQ2T Datasheet
7Mb / 36P
High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
20-Feb-2024
More results


Similar Description - TSB952IYQ2T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8675 AD-AD8675 Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
logo
Micrel Semiconductor
MIC7300 MICREL-MIC7300_05 Datasheet
68Kb / 12P
High-Output Drive Rail-to-Rail Op Amp
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Analog Devices
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
AD8675 AD-AD8675_16 Datasheet
378Kb / 13P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
Rev. E
logo
STMicroelectronics
TSB711 STMICROELECTRONICS-TSB711 Datasheet
3Mb / 36P
Precision rail-to-rail input / output 36 V, 6 MHz op-amps
Rev 6 - October 2020
logo
Microchip Technology
MIC7300 MICROCHIP-MIC7300 Datasheet
678Kb / 22P
High-Output Drive Rail-to-Rail Op Amp
05/14/19
logo
STMicroelectronics
TSB7191 STMICROELECTRONICS-TSB7191 Datasheet
9Mb / 34P
Precision rail-to-rail input / output 36 V, 22 MHz op-amps
15-Oct-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com