Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4215IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4215IGN
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC4215IGN Datasheet HTML 1Page - Linear Technology LTC4215IGN Datasheet HTML 2Page - Linear Technology LTC4215IGN Datasheet HTML 3Page - Linear Technology LTC4215IGN Datasheet HTML 4Page - Linear Technology LTC4215IGN Datasheet HTML 5Page - Linear Technology LTC4215IGN Datasheet HTML 6Page - Linear Technology LTC4215IGN Datasheet HTML 7Page - Linear Technology LTC4215IGN Datasheet HTML 8Page - Linear Technology LTC4215IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC4215
5
4215fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise specified.
Note 3: An internal clamp limits the GATE pin to a minimum of 5V above
SOURCE. Driving this pin to voltages beyond the clamp may damage the device.
Note 4: Offset error is the offset voltage measured from 1LSB when the
output code flickers between 0000 0000 and 0000 0001.
Note 5: Integral nonlinearity is defined as the deviation of a code from a
precise analog input voltage. Maximum specifications are limited by the
LSB step size and the single shot measurement. Typical specifications are
measured from the 1/4, 1/2 and 3/4 areas of the quantization band.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I⎯A⎯L⎯E⎯R⎯T
⎯A⎯L⎯E⎯R⎯T Input Current
⎯A⎯L⎯E⎯R⎯T = 6.5V
●
±1
µA
V⎯A⎯L⎯E⎯R⎯T(OL)
⎯A⎯L⎯E⎯R⎯T Output Low Voltage
IALERT = 3mA
●
0.2
0.4
V
VSDA,SCL(TH)
SDA, SCL Input Threshold
●
1.3
1.7
1.9
V
ISDA,SCL(OH)
SDA, SCL Input Current
SCL, SDA = 6.5V
●
±1
µA
VSDA(OL)
SDA Output Low Voltage
ISDA = 3mA
●
0.2
0.4
V
I2C Interface Timing
fSCL(MAX)
SCL Clock Frequency
Operates with fSCL ≤ fSCL(MAX)
●
400
1000
kHz
tBUF(MIN)
Bus Free Time Between Stop/Start Condition
●
0.12
1.3
µs
tHD,STA(MIN)
Hold Time After (Repeated) Start Condition
●
30
600
ns
tSU,STA(MIN)
Repeated Start Condition Set-Up Time
●
30
600
ns
tSU,STO(MIN)
Stop Condition Set-Up Time
●
140
600
ns
tHD,DAT(MIN)
Data Hold Time (Input)
●
30
100
ns
tHD,DATO
Data Hold Time (Output)
●
300
500
900
ns
tSU,DAT(MIN)
Data Set-Up Time
●
30
600
ns
tSP
Suppressed Spike Pulse Width
●
50
110
250
ns
CX
SCL, SDA Input Capacitance
SDAI Tied to SDAO
●
10
pF
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 12V unless otherwise noted.
TYPICAL PERFOR A CE CHARACTERISTICS TA = 25°C, VDD = 12V unless otherwise noted
IDD vs VDD
VDD (V)
0
0
2
4
5
4215 G01
1
3
10
25
15
20
INTVCC (V)
2.5
2.5
3.0
4.0
4215 G02
3.0
3.5
4.0
3.5
ILOAD (mA)
0
0
2
4
4215 G03
1
3
4
10
2
68
VDD = 12V, 5V
VDD = 3.3V
INTVCC vs VDD
INTVCC vs ILOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com