Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4215IGN Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4215IGN
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215IGN Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4215IGN Datasheet HTML 16Page - Linear Technology LTC4215IGN Datasheet HTML 17Page - Linear Technology LTC4215IGN Datasheet HTML 18Page - Linear Technology LTC4215IGN Datasheet HTML 19Page - Linear Technology LTC4215IGN Datasheet HTML 20Page - Linear Technology LTC4215IGN Datasheet HTML 21Page - Linear Technology LTC4215IGN Datasheet HTML 22Page - Linear Technology LTC4215IGN Datasheet HTML 23Page - Linear Technology LTC4215IGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTC4215
22
4215fb
TYPICAL APPLICATIO S
+
UV VDD
SENSE–
LTC4215GN
GATE
INTVCC
TIMER
GND
ADR0
SOURCE
SDA
SCL
ALERT
ON
FB
GPIO
SS
PLUG-IN
CARD
R5
10
W
R6
15k
C1
22nF
CSS
68nF
RS
0.0015
W
Q1
Si7880DP
R7
24.3k
1%
R8
2.94k
1%
R4
100k
4215 F12
CL
1000
mF
CF
0.1
mF
15V
R1
22.1k
1%
R2
3.05k
1%
BACKPLANE
GND
ALERT
SCL
SDA
VIN
12V
CTIMER
1
mF
C3
0.1
mF
Figure 12. 12V, 12A Card Resident Application
Figure 13. 5A, 5V Backplane Resident Application with Insertion Activated Turn-On
UV VDD SENSE
+
SENSE–
LTC4215UFD
GATE
INTVCC
TIMER ADR0 ADR1
NC
ADR2 GND
SOURCE
OV
ON
SDAI
SDAO
SCL
ALERT
FB
GPIO
EN
ADIN
SS
2.67k
PLUG-IN
CARD
1.74k
10
W
0.005
W
FDD3706
10.2k
VOUT
12V
3.57k
100k
4215 F13
0.1
mF
0.1
mF
11.5k
SA14A
VIN
5V
BACKPLANE
1
mF
68nF
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com