Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4215IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4215IGN
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4215IGN Datasheet HTML 8Page - Linear Technology LTC4215IGN Datasheet HTML 9Page - Linear Technology LTC4215IGN Datasheet HTML 10Page - Linear Technology LTC4215IGN Datasheet HTML 11Page - Linear Technology LTC4215IGN Datasheet HTML 12Page - Linear Technology LTC4215IGN Datasheet HTML 13Page - Linear Technology LTC4215IGN Datasheet HTML 14Page - Linear Technology LTC4215IGN Datasheet HTML 15Page - Linear Technology LTC4215IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC4215
12
4215fb
APPLICATIO S I FOR ATIO
is brought high or if a serial bus turn-on command is sent
by setting bit A3.
The MOSFET is turned on by charging up the GATE with
a 20µA current source. When the GATE voltage reaches
the MOSFET threshold voltage, the MOSFET begins to
turn on and the SOURCE voltage then follows the GATE
voltage as it increases.
When the MOSFET is turning on, it ramps inrush current
up linearly at a dI/dt rate selected by capacitor CSS. Once
the inrush current reaches the limit set by the FB pin, the
dI/dt ramp stops and the inrush current follows the foldback
profile as shown in Figure 2. The TIMER pin integrates at
100µA during start-up and once it reaches its threshold
of 1.235V, the part checks to see if it is in current limit,
which indicates that it has started up into a short-circuit
condition. If this is the case, the overcurrent fault bit, D2
in Table 5, is set and the part turns off. If the part is not in
current limit, the 25mV circuit breaker is armed and the
current limit is switched to 75mV. Alternately an internal
100ms start-up timer may be selected by tying the TIMER
pin to INTVCC.
As the SOURCE voltage rises, the FB pin follows as set
by R7 and R8. Once FB crosses its 1.235V threshold, and
the start-up timer has expired, the GPIO pin, in its default
configuration, ceases to pull low and indicates that power
is now good.
VDD + 6V
VGATE
VOUT
GPIO
(POWER GOOD)
ILOAD • RSENSE
VDD
VSENSE
25mV
10mV
SS
LIMITED
FB
LIMITED
4215 F02
TIMER
EXPIRES
Figure 2. Power-Up Waveforms
If R6 and C1 are employed for a constant current during
start-up, which produces a constant dV/dt at the output,
a 20µA pull-up current from the gate pin slews the gate
upwards and the part is not in current limit. The start-up
TIMER may expire in this condition and an OC fault is not
generated even though start-up has not completed. Either
the sense voltage increases to the 25mV CB threshold and
generates an OC fault, or the FB pin voltage crosses its
1.235V power good threshold and the GPIO pin signals
power good.
GATE Pin Voltage
A curve of GATE-to-SOURCE drive vs VDD is shown in the
Typical Performance Characteristics. At minimum input
supply voltage of 2.9V, the minimum GATE-to-SOURCE
drive voltage is 5V. The GATE-to-SOURCE voltage is
clamped below 6.5V to protect the gates of logic level
N-channel MOSFETs.
Turn-Off Sequence
The GATE is turned off by a variety of conditions. A normal
turn-off is initiated by the ON pin going low or a serial bus
turn-off command. Additionally, several fault conditions
turn off the GATE. These include an input overvoltage
(OV pin), input undervoltage (UV pin), overcurrent circuit
breaker (SENSE– pin), or EN transitioning high. Writing
a logic one into the UV, OV or OC fault bits (D0-D2 in
Table 5) also latches off the GATE if their auto-retry bits
are set to false.
Normally the MOSFET is turned off with a 1mA current
pulling down the GATE pin to ground. With the MOSFET
turned off, the SOURCE and FB voltages drop as CL dis-
charges. When the FB voltage crosses below its threshold,
GPIO pulls low to indicate that the output power is no
longer good.
If the VDD pin falls below 2.74V for greater than 2µs or
INTVCC drops below 2.60V for greater than 1µs, a fast shut
down of the MOSFET is initiated. The GATE pin is pulled
down with a 450mA current to the SOURCE pin.
Overcurrent Fault
The LTC4215 features an adjustable current limit that
protects against short circuits or excessive load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com