Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4215IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4215IGN
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4215IGN Datasheet HTML 4Page - Linear Technology LTC4215IGN Datasheet HTML 5Page - Linear Technology LTC4215IGN Datasheet HTML 6Page - Linear Technology LTC4215IGN Datasheet HTML 7Page - Linear Technology LTC4215IGN Datasheet HTML 8Page - Linear Technology LTC4215IGN Datasheet HTML 9Page - Linear Technology LTC4215IGN Datasheet HTML 10Page - Linear Technology LTC4215IGN Datasheet HTML 11Page - Linear Technology LTC4215IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC4215
8
4215fb
PI FU CTIO S
EXPOSED PAD (Pin 25, QFN Package): Exposed Pad may
be left open or connected to device ground.
FB: Foldback Current Limit and Power Good Input. A
resistive divider from the output is tied to this pin. When
the voltage at this pin drops below 1.235V, power is not
considered good. The power bad condition may result in
the GPIO pin pulling low or going high impedance depend-
ing on the configuration of control register bits A6 and
A7. Also a power bad fault is logged in this condition if
the LTC4215 has finished the start-up cycle and the GATE
pin is high. See Applications Information. The start-up
current limit folds back linearly from 25mV sense voltage
at 0.6V to 10mV at 0.2V on the FB pin. Foldback is not
active once the part leaves start-up and the current limit
is increased to 75mV.
GATE: Gate Drive for External N-Channel MOSFET. An inter-
nal 20µA current source charges the gate of the MOSFET.
No compensation capacitor is required on the GATE pin, but
a resistor and capacitor network from this pin to ground
may be used to set the turn-on output voltage slew rate.
During turn-off there is a 1mA pulldown current. During
a short circuit or undervoltage lockout (VDD or INTVCC),
a 450mA pulldown current source between GATE and
SOURCE is activated.
GND: Device Ground.
GPIO: General Purpose Input/Output. Open-drain logic
output or logic input. Defaults to an output set to pull low to
indicate power is not good. Configure according to Table 2.
INTVCC: Low Voltage Supply Decoupling Output. Connect
a 0.1µF capacitor from this pin to ground.
ON: On Control Input. A rising edge turns on the external
N-channel MOSFET and a falling edge turns it off. This
pin also configures the state of the FET On bit in the con-
trol register (and hence the external MOSFET) at power
up. For example, if the ON pin is tied high, then the FET
On bit (A3 in Table 2) goes high 100ms after power-up.
Likewise if the ON pin is tied low then the part remains
off after power-up until the FET On bit is set high using
the I2C bus. A high-to-low transition on this pin clears
the fault register.
OV (QFN Package): Overvoltage Comparator Input. Con-
nect this pin to an external resistive divider from VDD. If the
voltage at this pin rises above 1.235V, an overvoltage fault
is detected and the GATE turns off. Tie to GND if unused.
SCL: Serial Bus Clock Input. Data at the SDA pin is shifted
in or out on rising edges of SCL. This is a high impedance
pin that is generally driven by an open-collector output
from a master controller. An external pull-up resistor or
current source is required.
SDAO (QFN Package): Serial Bus Data Output. Open-drain
output for sending data back to the master controller or
acknowledging a write operation. Normally tied to SDAI
to form the SDA line. An external pull-up resistor or cur-
rent source is required. Internally tied to SDAI in SSOP
package.
SDAI: Serial Bus Data Input. A high impedance input for
shifting in address, command or data bits. Normally tied
to SDAO to form the SDA line. Internally tied to SDAO in
SSOP package.
SDA (SSOP Package): Serial Bus Data Input/Output Line.
Formed by internally tying the SDAO and SDAI lines to-
gether. An external pull-up resistor or current source is
required.
SENSE+ (QFN Package):
Positive Current Sense Input.
Connect this pin to the input of the current sense resistor.
Must be connected to the same trace as VDD. Internally
tied to VDD in SSOP package.
SENSE–: Negative Current Sense Input. Connect this pin
to the output of the current sense resistor. The current
limit circuit controls the GATE pin to limit the sense voltage
between the SENSE and VDD pins to 25mV or less.
SOURCE: N-Channel MOSFET Source and ADC Input.
Connect this pin to the source of the external N-channel
MOSFET switch for gate drive return. This pin also serves as
the ADC input to monitor output voltage. The pin provides
a return for the gate pulldown circuit.
SS: Sets the inrush current slew rate at start-up. Connect
a 68nF capacitor to provide 5mV/ms as the slew rate for
the sense voltage in start-up. This corresponds to 1A/ms
with a 5mΩ sense resistor. Note that a large soft-start
capacitor and a small TIMER capacitor may result in a
condition where the timer expires before the inrush current
has started. Allow an additional 10nF of timer capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com