Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4215IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4215IGN
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC4215IGN Datasheet HTML 1Page - Linear Technology LTC4215IGN Datasheet HTML 2Page - Linear Technology LTC4215IGN Datasheet HTML 3Page - Linear Technology LTC4215IGN Datasheet HTML 4Page - Linear Technology LTC4215IGN Datasheet HTML 5Page - Linear Technology LTC4215IGN Datasheet HTML 6Page - Linear Technology LTC4215IGN Datasheet HTML 7Page - Linear Technology LTC4215IGN Datasheet HTML 8Page - Linear Technology LTC4215IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC4215
4
4215fb
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 12V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ΔVFB(HYST)
FB Pin Power Good Hysteresis
●
3
8
15
mV
IFB
Foldback Pin Input Current
FB = 1.8V
●
0±1
µA
VGPIO(TH)
GPIO Pin Input Threshold
VGPIO Rising
●
0.8
1
1.2
V
Other Pin Functions
VGPIO(OL)
GPIO Pin Output Low Voltage
IGPIO = 5mA
●
0.25
0.5
V
IGPIO(OH)
GPIO Pin Input Leakage Current
VGPIO = 15V
●
0±1
µA
ISOURCE
SOURCE Pin Input Current
SOURCE = 15V
●
40
80
120
µA
tP(GATE)
Input (ON, OV, UV,
⎯E⎯N) to GATE Off
Propagation Delay
●
35
µs
tD(GATE)
Turn-On Delay
ON
UV, OV,
⎯E⎯N
Overcurrent Auto-Retry
●
●
●
50
2.5
1
100
5
2
150
75
µs
ms
s
VTIMERL(TH)
Timer Low Threshold
●
0.17
0.2
0.23
V
VTIMERH(TH)
Timer High Threshold
●
1.2
1.235
1.26
V
ITIMER(UP)
TIMER Pin Pull-Up Current
●
–80
–100
–120
µA
ITIMER(DOWN)
TIMER Pin Pulldown Current for OC Auto-Retry
●
1.4
2
2.6
µA
ITIMER(UP/DOWN) TIMER Current Up/Down Ratio
●
40
50
60
µA
ISS
Soft-Start Ramp Pull-Up Current
Ramping
Waiting for GATE to Slew
●
●
–7.5
–0.4
–10
–0.7
–12.5
–1.0
µA
µA
ADC
Resolution (No Missing Codes)
●
8
Bits
Integral Nonlinearity
VDD – SENSE (Note 5)
SOURCE
ADIN
●
●
●
–2
–1.25
–1.25
0.5
0.2
0.2
2
1.25
1.25
LSB
LSB
LSB
Offset Error (Note 4)
VDD – SENSE
SOURCE
ADIN
●
●
●
±2.0
±1.0
±1.0
LSB
LSB
LSB
Total Unadjusted Error
VDD – SENSE
SOURCE
ADIN
●
●
●
±5.5
±5.0
±5.0
LSB
LSB
LSB
Full-Scale Error
VDD – SENSE
SOURCE
ADIN
●
●
●
±5.5
±5.0
±5.0
LSB
LSB
LSB
Full-Scale Voltage (255 • VLSB)VDD – SENSE
SOURCE
ADIN
●
●
●
37.625
15.14
1.205
38.45
15.44
1.23
39.275
15.74
1.255
mV
V
V
RADIN
ADIN Pin Sampling Resistance
VADIN = 1.28V
●
12
MΩ
IADIN
ADIN Pin Input Current
VADIN = 1.28V
●
0
±0.1
µA
Conversion Rate
10
Hz
I2C Interface
VADR(H)
ADR0, ADR1, ADR2 Input High Voltage
●
INTVCC
–0.8
INTVCC
–0.4
INTVCC
–0.2
V
IADR(IN,Z)
ADR0, ADR1, ADR2 Hi-Z Input Current
ADR0, ADR1, ADR2 = 0.8V
ADR0, ADR1, ADR2 = INTVCC – 0.8V
●
●
3
–3
µA
µA
VADR(L)
ADR0, ADR1, ADR2 Input Low Voltage
●
0.2
0.4
0.8
V
IADR(IN)
ADR0, ADR1, ADR2 Input Current
ADR0, ADR1, ADR2 = 0V, INTVCC
●
–80
80
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com