Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4215IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4215IGN
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4215IGN Datasheet HTML 16Page - Linear Technology LTC4215IGN Datasheet HTML 17Page - Linear Technology LTC4215IGN Datasheet HTML 18Page - Linear Technology LTC4215IGN Datasheet HTML 19Page - Linear Technology LTC4215IGN Datasheet HTML 20Page - Linear Technology LTC4215IGN Datasheet HTML 21Page - Linear Technology LTC4215IGN Datasheet HTML 22Page - Linear Technology LTC4215IGN Datasheet HTML 23Page - Linear Technology LTC4215IGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC4215
20
4215fb
APPLICATIO S I FOR ATIO
Table 2. CONTROL Register A (00h)—Read/Write
BIT
NAME
OPERATION
A7:6
GPIO Configure
FUNCTION
A6
A7
GPIO PIN
Power Good (Default)
0
0
GPIO =
⎯C⎯3
Power Good
0
1
GPIO = C3
General Purpose Output
1
0
GPIO = B6
General Purpose Input
1
1
C6 = GPIO
A5
Test Mode Enable
Enables Test Mode to Disable the ADC; 1 = ADC Disable, 0 = ADC Enable (Default)
A4
Mass Write Enable
Allows Mass Write Addressing; 1 = Mass Write Enabled, 0 = Mass Write Disabled (Default)
A3
FET On Control
On Control Bit Latches the State of the ON Pin at the End of the Debounce Delay; 1 = FET On, 0 = FET Off
A2
Overcurrent
Auto-Retry
Overcurrent Auto-Retry Bit; 1 = Auto-Retry After Overcurrent, 0 = Latch Off After Overcurrent (Default)
A1
Undervoltage
Auto-Retry
Undervoltage Auto-Retry; 1 = Auto-Retry After Undervoltage (Default), 0 = Latch Off After Undervoltage
A0
Overvoltage
Auto-Retry
Overvoltage Auto-Retry; 1 = Auto-Retry After Overvoltage (Default), 0 = Latch Off After Overvoltage
Table 3. ALERT Register B (01h)—Read/Write
BIT
NAME
OPERATION
B7
Reserved
Not Used
B6
GPIO Output
Output Data Bit to GPIO Pin when Configured as Output. Defaults to 0
B5
FET Short Alert
Enables Alert for FET Short Condition; 1 = Enable Alert, 0 = Disable Alert (Default)
B4
EN State
Change Alert
Enables Alert when EN Changes State; 1 = Enable Alert, 0 Disable Alert (Default)
B3
Power Bad
Alert
Enables Alert when Output Power is Bad; 1 = Enable Alert, 0 Disable Alert (Default)
B2
Overcurrent
Alert
Enables Alert for Overcurrent Condition; 1 = Enable Alert, 0 Disable Alert (Default)
B1
Undervoltage
Alert
Enables Alert for Undervoltage Condition; 1 = Enable Alert, 0 Disable Alert (Default)
B0
Overvoltage
Alert
Enables Alert for Overvoltage Condition; 1 = Enable Alert, 0 Disable Alert (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com