Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NET2272 Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 78Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 79Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 80Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 81Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 82Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 83Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 84Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 85Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
82
9.2
Control ‘Write’ Transfers
9.2.1 Set Address
Note: The local CPU must write the new device address into the USBADDR configuration register
Offset
Number of
Bytes
Description
Suggested Value
--
0
Sets USB address of device
wValue = device address, wIndex = 0, wLength = 0
--
9.2.2 Set Configuration
Note: The local CPU must keep track of the configuration value.
Offset
Number of
Bytes
Description
Suggested Value
--
0
Sets the device configuration
wValue = Configuration value, wIndex = 0,
wLength = 0
--
9.2.3 Set Interface
Note: The local CPU must keep track of the Interface value.
Offset
Number of
Bytes
Description
Suggested Value
--
0
Selects alternate setting for specified interface
wValue = Alternate setting, wIndex = specified
interface, wLength = 0
--
9.2.4 Device Clear Feature
Note: The local CPU must keep track of the state of the Device Remote Wakeup enable.
Offset
Number of
Bytes
Description
Suggested Value
--
0
Clear the selected device feature
wValue = feature selector, wIndex = 0, wLength = 0
FS = 1 ! Device Remote Wakeup (disable)
--
9.2.5 Device Set Feature
Offset
Number of
Bytes
Description
Suggested Value
--
0
Set the selected device feature
wValue = feature selector, wLength = 0
FS = 1 ! Device Remote Wakeup (enable),
wIndex = 0
FS = 2 ! Test Mode, wIndex = specifies test mode
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com