Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NET2272 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 29Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 30Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 31Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 32Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 33Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 34Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 35Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 36Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
33
5.2.3 Transaction
A transaction consists of a token packet, optional data packet(s), and a handshake packet.
5.2.4 Transfer
A transfer consists of one or more transactions. Control transfers consist of a setup transaction, optional data
transactions, and a handshake (status) transaction.
5.3
Automatic Retries
5.3.1 Out Transactions
If an error occurs during an OUT transaction, the NET2272 reloads its local side buffer read pointer back to the
beginning of the failed packet. The host then sends another OUT token and re-transmits the packet. Once the
packet has been successfully received by the NET2272, the Packet Received interrupt is set. The NET2272 can
handle any number of back-to-back retries, but the host determines how many times a packet is retried.
5.3.2 In Transactions
If an error occurs during an IN transaction, the NET2272 reloads its USB side buffer read pointer back to the
beginning of the failed packet. The host then sends another IN token and the NET2272 re-transmits the packet.
Once the host has successfully received the packet, the Packet Transmitted interrupt is set.
5.4
Ping Flow Control
When operating in high speed mode, the NET2272 supports the PING protocol for bulk OUT and control endpoints.
This protocol allows the NET2272 to indicate to the host that it can't accept an OUT data packet. The host then
sends PING tokens to query the NET2272. Once the NET2272 can accept a maximum size packet, it returns an
ACK in response to the PING. Now the host sends an OUT token and data packet. The NET2272 returns an ACK
handshake if the packet is accepted, and there is space to receive an additional packet. If it can accept the current
packet, but no others, it returns a NYET handshake to the host. The host then starts sending PING tokens again.
5.5
Packet Sizes
The maximum packet size of an endpoint is determined by the corresponding EP_MAXPKT register. For IN
transactions, the NET2272 will return a maximum size packet to the host if there are at least ‘max packet’ bytes in
the buffer. A packet of size less than the maximum is returned to the host in response to an IN token if the data in
the buffer has been explicitly validated.
The following table shows the allowable maximum packet sizes:
Type of Endpoint
Low Speed Mode
(Not Supported)
Full Speed Mode
High Speed Mode
Control
8
8, 16, 32, 64
64
Bulk
N/A
8, 16, 32, 64
512
Interrupt
8
64 max
1024 max
Isochronous
N/A
1023 max
1024 max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com